Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STAP85025 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STAP85025
Description  RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAP85025 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STAP85025 Datasheet HTML 4Page - STMicroelectronics STAP85025 Datasheet HTML 5Page - STMicroelectronics STAP85025 Datasheet HTML 6Page - STMicroelectronics STAP85025 Datasheet HTML 7Page - STMicroelectronics STAP85025 Datasheet HTML 8Page - STMicroelectronics STAP85025 Datasheet HTML 9Page - STMicroelectronics STAP85025 Datasheet HTML 10Page - STMicroelectronics STAP85025 Datasheet HTML 11Page - STMicroelectronics STAP85025 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Typical performances
STAP85025
8/12
Doc ID 15795 Rev 2
Figure 10.
Pout and drain current vs supply
voltage (Pin = 0.4 W)
Figure 11.
Pout and drain current vs supply
voltage (Pin = 1 W)
0
5
10
15
20
25
30
710
13
16
19
Vdd (V)
0
0.5
1
1.5
2
2.5
3
Pout
Id
Freq = 870 MHz
Idq = 300mA
Pin = 0.4W
0
5
10
15
20
25
30
35
40
7
1013
1619
Vdd (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
Pout
Id
Freq = 870 MHz
Idq = 300mA
Pin = 1W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com