Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STU10P6F6 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STU10P6F6
Description  P-channel -60 V, 0.13 Ω typ., -10 A STripFET™ F6 Power MOSFETs in DPAK, TO-220FP, TO-220 and IPAK packages
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STU10P6F6 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STU10P6F6 Datasheet HTML 3Page - STMicroelectronics STU10P6F6 Datasheet HTML 4Page - STMicroelectronics STU10P6F6 Datasheet HTML 5Page - STMicroelectronics STU10P6F6 Datasheet HTML 6Page - STMicroelectronics STU10P6F6 Datasheet HTML 7Page - STMicroelectronics STU10P6F6 Datasheet HTML 8Page - STMicroelectronics STU10P6F6 Datasheet HTML 9Page - STMicroelectronics STU10P6F6 Datasheet HTML 10Page - STMicroelectronics STU10P6F6 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
DocID022967 Rev 5
7/24
STD10P6F6, STF10P6F6, STP10P6F6, STU10P6F6
Electrical characteristics
24
Figure 8. Gate charge vs gate-source voltage
Figure 9. Static drain-source on-resistance
VGS
6
4
2
0
0
2
Qg(nC)
(V)
8
4
6
10
VDD=30V
ID=10A
AM15341v2
RDS(on)
140
120
100
1
4
ID(A)
(m
Ω)
2
6
160
180
8
3
57
9
VGS=10V
AM15350v1
Figure 10. Capacitance variations
Figure 11. Normalized V(BR)DSS vs temperature
C
150
100
50
0
0
20
VDS(V)
(pF)
10
30
Ciss
Coss
Crss
40
50
200
250
300
350
400
AM15342v1
V(BR)DSS
-55
-5
TJ(°C)
(norm)
-30
70
20 45
95
0.90
0.95
1
1.05
1.10
1.15
ID = 1mA
120
AM15349v1
Figure 12. Normalized gate threshold voltage vs
temperature
Figure 13. Normalized on-resistance vs
temperature
VGS(th)
0.90
0.80
0.70
0.60
-55
-5
TJ(°C)
(norm)
-30
1
70
20 45
95 120
1.10
ID=250 µA
AM15344v1
RDS(on)
1
0.8
0.6
0.4
-55
-5
TJ(°C)
-30
20
1.2
1.4
VGS=10V
45
70 95 120
1.6
1.8
2
(norm)
AM15350v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com