Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STU10P6F6 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STU10P6F6
Description  P-channel -60 V, 0.13 Ω typ., -10 A STripFET™ F6 Power MOSFETs in DPAK, TO-220FP, TO-220 and IPAK packages
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STU10P6F6 Datasheet(HTML) 4 Page - STMicroelectronics

  STU10P6F6 Datasheet HTML 1Page - STMicroelectronics STU10P6F6 Datasheet HTML 2Page - STMicroelectronics STU10P6F6 Datasheet HTML 3Page - STMicroelectronics STU10P6F6 Datasheet HTML 4Page - STMicroelectronics STU10P6F6 Datasheet HTML 5Page - STMicroelectronics STU10P6F6 Datasheet HTML 6Page - STMicroelectronics STU10P6F6 Datasheet HTML 7Page - STMicroelectronics STU10P6F6 Datasheet HTML 8Page - STMicroelectronics STU10P6F6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Electrical characteristics
STD10P6F6, STF10P6F6, STP10P6F6, STU10P6F6
4/24
DocID022967 Rev 5
2
Electrical characteristics
(TCASE = 25 °C unless otherwise specified).
Table 4. Static
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown
Voltage
ID = -250 µA, VGS= 0 V
-60
V
IDSS
Zero gate voltage drain
current (VGS = 0)
VDS = -60 V
-1
µA
VDS = -60 V, Tc = 125 °C
-10
µA
IGSS
Gate body leakage current
(VDS = 0)
VGS = ±20 V
±
100
nA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = -250 µA
-2
-4
V
RDS(on)
Static drain-source on-
resistance
VGS = -10 V, ID = -5 A
0.13
0.16
Ω
Table 5. Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Input capacitance
VDS = -48 V, f=1 MHz,
VGS = 0 V
-340
-
pF
Coss
Output capacitance
-
40
-
pF
Crss
Reverse transfer
capacitance
-20
-
pF
Qg
Total gate charge
VDD = -30 V, ID = -10 A
VGS = -10 V
(see Figure 16)
-6.4
-
nC
Qgs
Gate-source charge
-
1.7
-
nC
Qgd
Gate-drain charge
-
1.7
-
nC
Table 6. Switching on/off (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
VDD = -48 V, ID = -5 A,
RG = 4.7 Ω, VGS = -10 V
(see Figure 15)
-64
-
ns
tr
Rise time
-
5.3
-
ns
td(off)
Turn-off delay time
-
14
-
ns
tf
Fall time
-
3.7
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com