Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STU10P6F6 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STU10P6F6
Description  P-channel -60 V, 0.13 Ω typ., -10 A STripFET™ F6 Power MOSFETs in DPAK, TO-220FP, TO-220 and IPAK packages
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STU10P6F6 Datasheet(HTML) 3 Page - STMicroelectronics

  STU10P6F6 Datasheet HTML 1Page - STMicroelectronics STU10P6F6 Datasheet HTML 2Page - STMicroelectronics STU10P6F6 Datasheet HTML 3Page - STMicroelectronics STU10P6F6 Datasheet HTML 4Page - STMicroelectronics STU10P6F6 Datasheet HTML 5Page - STMicroelectronics STU10P6F6 Datasheet HTML 6Page - STMicroelectronics STU10P6F6 Datasheet HTML 7Page - STMicroelectronics STU10P6F6 Datasheet HTML 8Page - STMicroelectronics STU10P6F6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
DocID022967 Rev 5
3/24
STD10P6F6, STF10P6F6, STP10P6F6, STU10P6F6
Electrical ratings
24
1
Electrical ratings
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
DPAK
IPAK
TO-220FP
TO-220
VDS
Drain-source voltage
-60
V
VGS
Gate-source voltage
± 20
V
ID
(1)
1.
Limited by package
Drain current (continuous) at TC = 25 °C
-10
A
ID
Drain current (continuous) at TC = 100 °C
-7.2
A
IDM
(2)
2.
Pulse width limited by safe operating area
Drain current (pulsed)
-40
A
PTOT
Total dissipation at TC = 25 °C
35
20
30
W
EAS
Single pulse avalanche energy
(starting TJ=25 °C, ID=-3 A, VDD=40 V)
80
mJ
VISO
Insulation withstand voltage (RMS) from all
three leads to external heat sink
(t=1 s; TC=25 °C)
2500
V
VDG
Drain-gate voltage (VGS = 0)
-20
V
Tstg
Storage temperature
-55 to 175
°C
Tj
Max. operating junction temperature
175
°C
Table 3. Thermal data
Symbol
Parameter
Value
Unit
DPAK
IPAK
TO-220FP TO-220
Rthj-case
Thermal resistance junction-case max
4.29
7.5
5
°C/W
Rthj-amb
Thermal resistance junction-ambient max
100
62.5
62.5
°C/W
Rthj-pcb
Thermal resistance junction-pcb max(1)
1.
When mounted on 1 inch2 FR-4, 2 Oz copper board
50
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com