Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STF260N4F7 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STF260N4F7
Description  N-channel 40 V, 1.95 mΩ typ., 90 A, STripFET™ F7 Power MOSFET in a TO-220FP package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF260N4F7 Datasheet(HTML) 1 Page - STMicroelectronics

  STF260N4F7 Datasheet HTML 1Page - STMicroelectronics STF260N4F7 Datasheet HTML 2Page - STMicroelectronics STF260N4F7 Datasheet HTML 3Page - STMicroelectronics STF260N4F7 Datasheet HTML 4Page - STMicroelectronics STF260N4F7 Datasheet HTML 5Page - STMicroelectronics STF260N4F7 Datasheet HTML 6Page - STMicroelectronics STF260N4F7 Datasheet HTML 7Page - STMicroelectronics STF260N4F7 Datasheet HTML 8Page - STMicroelectronics STF260N4F7 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
October 2015
DocID028478 Rev 1
1/11
This is preliminary information on a new product now in development
or undergoing evaluation. Details are subject to change without notice.
www.st.com
STF260N4F7
N-
channel 40 V, 1.95 mΩ typ., 90 A, STripFET™ F7
Power MOSFET in a TO-220FP package
Datasheet - preliminary data
Figure 1: Internal schematic diagram
Features
Order code
VDS
RDS(on) max.
ID
STF260N4F7
40 V
2.5 mΩ
35 W
Among the lowest RDS(on) on the market
Excellent figure of merit (FoM)
Low Crss/Ciss ratio for EMI immunity
High avalanche ruggedness
Applications
Switching applications
Description
This N-channel Power MOSFET utilizes
STripFET™ F7 technology with an enhanced
trench gate structure that results in very low on-
state resistance, while also reducing internal
capacitance and gate charge for faster and more
efficient switching.
Table 1: Device summary
Order code
Marking
Package
Packaging
STF260N4F7
260N4F7
TO-220FP
Tube
TO-220FP


Similar Part No. - STF260N4F7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF26N60DM6 STMICROELECTRONICS-STF26N60DM6 Datasheet
280Kb / 12P
N-channel 600 V, 165 mΩ typ., 18 A, MDmesh DM6 Power MOSFET in a TO-220FP package
10-Sep-2020
STF26N60M2 STMICROELECTRONICS-STF26N60M2 Datasheet
434Kb / 15P
N-channel 600 V, 0.14 Ω typ., 20 A MDmesh™ M2 Power MOSFETs in TO-220FP and I²PAKFP packages
July 2015 Rev 2
logo
Inchange Semiconductor ...
STF26N60M2 ISC-STF26N60M2 Datasheet
318Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STF26N65DM2 STMICROELECTRONICS-STF26N65DM2 Datasheet
271Kb / 13P
N-channel 650 V, 0.156 typ., 20 A, MDmesh™ DM2 Power MOSFET in a TO-220FP package
July 2018 Rev 2
STF26NM60N STMICROELECTRONICS-STF26NM60N Datasheet
1Mb / 23P
N-channel 600 V, 0.135 ohm typ., 20 A MDmesh II Power MOSFET in D2PAK, I2PAK, TO-220, TO-220FP and TO-247 packages
20-Jun-2012
More results

Similar Description - STF260N4F7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF100N6F7 STMICROELECTRONICS-STF100N6F7 Datasheet
419Kb / 13P
N-channel 60 V, 4.6 m??typ., 46 A STripFET™F7 Power MOSFET in a TO-220FP package
10-Feb-2015
STFU260N4F7 STMICROELECTRONICS-STFU260N4F7 Datasheet
466Kb / 10P
N-channel 40 V, 1.95 mΩ typ., 90 A, STripFET™ F7 Power MOSFET in a TO-220FP ultra narrow leads package
11-Nov-2015
STL105N4LF7AG STMICROELECTRONICS-STL105N4LF7AG Datasheet
936Kb / 15P
Automotive-grade N-channel 40 V, 3.0 mΩ typ., 105 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
18-Jan-2018
STL12N10F7 STMICROELECTRONICS-STL12N10F7 Datasheet
587Kb / 13P
N-channel 100 V, 11.3 mΩ typ., 12 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 3.3x3.3 package
14-Jun-2018
STL260N4F7 STMICROELECTRONICS-STL260N4F7 Datasheet
850Kb / 16P
N-channel 40 V, 0.9 mΩ typ., 120 A, STripFET F7 Power MOSFET in a PowerFLAT 5x6 package
03-Apr-2019
STL285N4F7AG STMICROELECTRONICS-STL285N4F7AG Datasheet
942Kb / 15P
Automotive-grade N-channel 40 V, 0.9 mΩ typ., 120 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
09-Jun-2016
STL50N6F7 STMICROELECTRONICS-STL50N6F7 Datasheet
866Kb / 14P
N-channel 60 V, 9 mΩ typ., 60 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
12-Nov-2015
STP260N4F7 STMICROELECTRONICS-STP260N4F7 Datasheet
683Kb / 13P
N-channel 40 V, 1.8 mΩ typ., 120 A STripFET™ F7 Power MOSFET in a TO-220 package
16-Jun-2016
STL160N4F7 STMICROELECTRONICS-STL160N4F7 Datasheet
861Kb / 18P
N-channel 40 V, 2.1 mΩ typ., 120 A STripFET F7 Power MOSFET in a PowerFLAT 5x6 package
20-Nov-2019
STL90N6F7 STMICROELECTRONICS-STL90N6F7_V01 Datasheet
505Kb / 14P
N-channel 60 V, 4.6 mΩ typ., 90 A STripFET F7 Power MOSFET in a PowerFLAT 5x6 package
24-Jan-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com