Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STF260N4F7 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STF260N4F7
Description  N-channel 40 V, 1.95 mΩ typ., 90 A, STripFET™ F7 Power MOSFET in a TO-220FP package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF260N4F7 Datasheet(HTML) 3 Page - STMicroelectronics

  STF260N4F7 Datasheet HTML 1Page - STMicroelectronics STF260N4F7 Datasheet HTML 2Page - STMicroelectronics STF260N4F7 Datasheet HTML 3Page - STMicroelectronics STF260N4F7 Datasheet HTML 4Page - STMicroelectronics STF260N4F7 Datasheet HTML 5Page - STMicroelectronics STF260N4F7 Datasheet HTML 6Page - STMicroelectronics STF260N4F7 Datasheet HTML 7Page - STMicroelectronics STF260N4F7 Datasheet HTML 8Page - STMicroelectronics STF260N4F7 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
STF260N4F7
Electrical ratings
DocID028478 Rev 1
3/11
1
Electrical ratings
Table 2: Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage
40
V
VGS
Gate-source voltage
±20
V
ID
Drain current (continuous) at TC= 25 °C
90
A
ID
Drain current (continuous) at TC = 100 °C
64
A
IDM
(1)
Drain current (pulsed)
360
A
PTOT
Total dissipation at TC = 25 °C
35
W
Viso
Insulation withstand voltage (RMS) from all three leads to external
heat sink (t = 1s; TC= 25 °C)
2.5
kV
Tstg
Storage temperature
-55 to 175
°C
TJ
Operation junction temperature
Notes:
(1)
Pulse width limited by safe operating area
Table 3: Thermal data
Symbol
Parameter
Value
Unit
Rthj-case
Thermal resistance junction-case max
4.29
°C/W
Rthj-amb
Thermal resistance junction-ambient max
62.5
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com