Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STF260N4F7 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STF260N4F7
Description  N-channel 40 V, 1.95 mΩ typ., 90 A, STripFET™ F7 Power MOSFET in a TO-220FP package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF260N4F7 Datasheet(HTML) 4 Page - STMicroelectronics

  STF260N4F7 Datasheet HTML 1Page - STMicroelectronics STF260N4F7 Datasheet HTML 2Page - STMicroelectronics STF260N4F7 Datasheet HTML 3Page - STMicroelectronics STF260N4F7 Datasheet HTML 4Page - STMicroelectronics STF260N4F7 Datasheet HTML 5Page - STMicroelectronics STF260N4F7 Datasheet HTML 6Page - STMicroelectronics STF260N4F7 Datasheet HTML 7Page - STMicroelectronics STF260N4F7 Datasheet HTML 8Page - STMicroelectronics STF260N4F7 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Electrical characteristics
STF260N4F7
4/11
DocID028478 Rev 1
2
Electrical characteristics
(TC = 25 °C unless otherwise specified)
Table 4: On /off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Uni
t
V(BR)DSS
Drain-source breakdown voltage
VGS = 0 V, ID = 250 μA
40
V
IDSS
Zero gate voltage
drain current
VGS = 0 V, VDS = 40 V
1
µA
VGS = 0 V, VDS = 40 V
TC = 125 °C
100
µA
IGSS
Gate-body leakage
current
VDS = 0 V, VGS = + 20 V
100
nA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 250 µA
2
4
V
RDS(on)
Static drain-source on- resistance
VGS = 10 V, ID = 60 A
1.95
2.5
mΩ
Table 5: Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Input capacitance
VGS = 0 V, VDS = 25 V, f = 1 MHz
-
5640
-
pF
Coss
Output capacitance
-
2370
-
pF
Crss
Reverse transfer
capacitance
-
34
-
pF
Qg
Total gate charge
VDD = 20 V, ID = 120 A,
VGS = 10 V
(see Figure 3: "Test circuit for gate
charge behavior")
-
67
-
nC
Qgs
Gate-source charge
-
31
-
nC
Qgd
Gate-drain charge
-
10
-
nC
Table 6: Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on
delay time
VDD = 20 V, ID = 60 A,
RG = 4.7 Ω, VGS = 10 V
(see Figure 2: "Test circuit for resistive load
switching times" and Figure 7: "Switching
time waveform"
-
30
-
ns
tr
Rise time
-
21
-
ns
td(off)
Turn-off
delay time
-
42
-
ns
tf
Fall time
-
13
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com