Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L151VBH6ADTR Datasheet(PDF) 61 Page - STMicroelectronics

Part # STM32L151VBH6ADTR
Description  Ultra-low-power 32-bit MCU ARM®-based Cortex®-M3,128KB Flash, 32KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151VBH6ADTR Datasheet(HTML) 61 Page - STMicroelectronics

Back Button STM32L151VBH6ADTR Datasheet HTML 57Page - STMicroelectronics STM32L151VBH6ADTR Datasheet HTML 58Page - STMicroelectronics STM32L151VBH6ADTR Datasheet HTML 59Page - STMicroelectronics STM32L151VBH6ADTR Datasheet HTML 60Page - STMicroelectronics STM32L151VBH6ADTR Datasheet HTML 61Page - STMicroelectronics STM32L151VBH6ADTR Datasheet HTML 62Page - STMicroelectronics STM32L151VBH6ADTR Datasheet HTML 63Page - STMicroelectronics STM32L151VBH6ADTR Datasheet HTML 64Page - STMicroelectronics STM32L151VBH6ADTR Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 129 page
background image
DocID024330 Rev 4
61/129
STM32L151x6/8/B-A STM32L152x6/8/B-A
Electrical characteristics
105
Table 18. Current consumption in Run mode, code with data processing running from Flash
Symbol
Parameter
Conditions
fHCLK
Typ
Max(1)
Unit
IDD (Run
from Flash)
Supply
current in
Run mode,
code
executed
from Flash
fHSE = fHCLK
up to 16 MHz, included
fHSE = fHCLK/2 above
16 MHz
(PLL ON)(2)
Range 3, VCORE=1.2 V
VOS[1:0] = 11
1 MHz
215
285
µA
2 MHz
400
490
4 MHz
725
1000
Range 2, VCORE=1.5 V
VOS[1:0] = 10
4 MHz
0.915
1.3
mA
8 MHz
1.75
2.15
16 MHz
3.4
4
Range 1, VCORE=1.8 V
VOS[1:0] = 01
8 MHz
2.1
2.9
16 MHz
4.2
5.2
32 MHz
8.25
9.6
HSI clock source (16
MHz)
Range 2, VCORE=1.5 V
VOS[1:0] = 10
16 MHz
3.5
4.4
Range 1, VCORE=1.8 V
VOS[1:0] = 01
32 MHz
8.2
10.2
MSI clock, 65 kHz
Range 3, VCORE=1.2 V
VOS[1:0] = 11
65 kHz
0.041
0.085
MSI clock, 524 kHz
524 kHz
0.125
0.180
MSI clock, 4.2 MHz
4.2 MHz
0.775
0.935
1. Guaranteed by characterization results, unless otherwise specified.
2. Oscillator bypassed (HSEBYP = 1 in RCC_CR register).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com