Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L151VBH6ADTR Datasheet(PDF) 65 Page - STMicroelectronics

Part # STM32L151VBH6ADTR
Description  Ultra-low-power 32-bit MCU ARM®-based Cortex®-M3,128KB Flash, 32KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151VBH6ADTR Datasheet(HTML) 65 Page - STMicroelectronics

Back Button STM32L151VBH6ADTR Datasheet HTML 61Page - STMicroelectronics STM32L151VBH6ADTR Datasheet HTML 62Page - STMicroelectronics STM32L151VBH6ADTR Datasheet HTML 63Page - STMicroelectronics STM32L151VBH6ADTR Datasheet HTML 64Page - STMicroelectronics STM32L151VBH6ADTR Datasheet HTML 65Page - STMicroelectronics STM32L151VBH6ADTR Datasheet HTML 66Page - STMicroelectronics STM32L151VBH6ADTR Datasheet HTML 67Page - STMicroelectronics STM32L151VBH6ADTR Datasheet HTML 68Page - STMicroelectronics STM32L151VBH6ADTR Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 129 page
background image
DocID024330 Rev 4
65/129
STM32L151x6/8/B-A STM32L152x6/8/B-A
Electrical characteristics
105
Table 22. Current consumption in Low-power sleep mode
Symbol
Parameter
Conditions
Typ
Max
(1)
1. Guaranteed by characterization results, unless otherwise specified.
Unit
IDD (LP
Sleep)
Supply
current in
Low-power
sleep
mode
All
peripherals
OFF, VDD
from 1.65 V
to 3.6 V
MSI clock, 65 kHz
fHCLK = 32 kHz
Flash OFF
TA = -40 °C to 25 °C 5.5
-
µA
MSI clock, 65 kHz
fHCLK = 32 kHz
Flash ON
TA = -40 °C to 25 °C 15
16
TA = 85 °C
20
23
TA = 105 °C
24
26
MSI clock, 65 kHz
fHCLK = 65 kHz,
Flash ON
TA = -40 °C to 25 °C 15
16
TA = 85 °C
20.5
23
TA = 105 °C
25.4
27
MSI clock, 131 kHz
fHCLK = 131 kHz,
Flash ON
TA = -40 °C to 25 °C 18
20
TA = 55 °C
21
22
TA = 85 °C
23
27
TA = 105 °C
28
31
TIM9 and
USART1
enabled,
Flash ON,
VDD from
1.65 V to
3.6 V
MSI clock, 65 kHz
fHCLK = 32 kHz
TA = -40 °C to 25 °C 15
16
TA = 85 °C
20
22
TA = 105 °C
24
26
MSI clock, 65 kHz
fHCLK = 65 kHz
TA = -40 °C to 25 °C 15
16
TA = 85 °C
20.5
23
TA = 105 °C
25.4
27
MSI clock, 131 kHz
fHCLK = 131 kHz
TA = -40 °C to 25 °C 18
20
TA = 55 °C
21
22
TA = 85 °C
23
27
TA = 105 °C
28
30
IDD Max
(LP Sleep)
Max
allowed
current in
Low-power
Sleep
mode
VDD from
1.65 V to
3.6 V
--
-
200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com