Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L151VBH6ADTR Datasheet(PDF) 100 Page - STMicroelectronics

Part # STM32L151VBH6ADTR
Description  Ultra-low-power 32-bit MCU ARM®-based Cortex®-M3,128KB Flash, 32KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151VBH6ADTR Datasheet(HTML) 100 Page - STMicroelectronics

Back Button STM32L151VBH6ADTR Datasheet HTML 96Page - STMicroelectronics STM32L151VBH6ADTR Datasheet HTML 97Page - STMicroelectronics STM32L151VBH6ADTR Datasheet HTML 98Page - STMicroelectronics STM32L151VBH6ADTR Datasheet HTML 99Page - STMicroelectronics STM32L151VBH6ADTR Datasheet HTML 100Page - STMicroelectronics STM32L151VBH6ADTR Datasheet HTML 101Page - STMicroelectronics STM32L151VBH6ADTR Datasheet HTML 102Page - STMicroelectronics STM32L151VBH6ADTR Datasheet HTML 103Page - STMicroelectronics STM32L151VBH6ADTR Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 129 page
background image
Electrical characteristics
STM32L151x6/8/B-A STM32L152x6/8/B-A
100/129
DocID024330 Rev 4
6.3.18
DAC electrical specifications
Data guaranteed by design, unless otherwise specified.
Table 58. DAC characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDDA
Analog supply voltage
-
1.8
-
3.6
V
VREF+
Reference supply voltage
VREF+ must always be below
VDDA
1.8
-
3.6
V
VREF-
Lower reference voltage
-
VSSA
V
IDDVREF+(1)
Current consumption on
VREF+ supply
VREF+ = 3.3 V
No load, middle code (0x800)
-
130
220
µA
No load, worst code (0x000)
-
220
350
µA
IDDA(1)
Current consumption on
VDDA supply
VDDA = 3.3 V
No load, middle code (0x800)
-
210
320
µA
No load, worst code (0xF1C)
-
320
520
µA
RL
Resistive load
DAC output
buffer ON
Connected to VSSA
5-
-
k
Ω
Connected to VDDA 25
-
-
CL
Capacitive load
DAC output buffer ON
-
-
50
pF
RO
Output impedance
DAC output buffer OFF
12
16
20
k
Ω
VDAC_OUT
Voltage on DAC_OUT
output
DAC output buffer ON
0.2
-
VDDA –
0.2
V
DAC output buffer OFF
0.5
-
VREF+–
1LSB
mV
DNL(1)
Differential non linearity(2)
CL ≤ 50 pF, RL ≥ 5 kΩ
DAC output buffer ON
-1.5
3
LSB
No RL, CL ≤ 50 pF
DAC output buffer OFF
-1.5
3
INL(1)
Integral non linearity(3)
CL ≤ 50 pF, RL ≥ 5 kΩ
DAC output buffer ON
-2
4
No RL, CL ≤ 50 pF
DAC output buffer OFF
-2
4
Offset(1)
Offset error at code 0x800 (4)
CL ≤ 50 pF, RL ≥ 5 kΩ
DAC output buffer ON
-±10
±25
No RL, CL ≤ 50 pF
DAC output buffer OFF
-±5
±8
Offset1(1)
Offset error at code 0x001(5)
No RL, CL ≤ 50 pF
DAC output buffer OFF
-±1.5
±5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com