Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STNRG011 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STNRG011
Description  Digital combo multi-mode PFC and time-shift LLC resonant controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STNRG011 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STNRG011 Datasheet HTML 7Page - STMicroelectronics STNRG011 Datasheet HTML 8Page - STMicroelectronics STNRG011 Datasheet HTML 9Page - STMicroelectronics STNRG011 Datasheet HTML 10Page - STMicroelectronics STNRG011 Datasheet HTML 11Page - STMicroelectronics STNRG011 Datasheet HTML 12Page - STMicroelectronics STNRG011 Datasheet HTML 13Page - STMicroelectronics STNRG011 Datasheet HTML 14Page - STMicroelectronics STNRG011 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
LLC_FB(3) BURST
HYST
Input pin LLC_FB
5/10
mV
LLC_FB SHUTDOWN
TH RISING
Input pin LLC_FB
-
145
-
mV
TH FALLING
-
125
-
LLC_AUX OVP
TH RISING
Input pin LLC_AUX
-
2.5
-
V
TH FALLING
-
2.4
-
LLC_AUX Ext. BM
TH RISING
Input pin LLC_AUX
-
0.9
-
V
TH FALLING
-
0.8
-
LINE SURGE
TH RISING
Input pin VAC
-
430
-
V
TH FALLING
-
410
-
LLC_CS OC1(3)
TH RISING
Input pin LLC_CS
FSR = 500
STEP = 15.6
mV
HYST
20
LLC_CS OC2
TH RISING
Input pin LLC_CS
-
700
-
mV
TH FALLING
-
650
-
1. Parameters tracking each other.
2. Guaranteed by design, not production tested.
3. Thresholds and hysteresis are programmed by the software in use.
4. The selection for TH_R = 110 mV is not allowed if TH_F = 200 mV.
STNRG011
Electrical characteristics
DS12075 - Rev 4
page 11/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com