Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STNRG011 Datasheet(PDF) 25 Page - STMicroelectronics

Part # STNRG011
Description  Digital combo multi-mode PFC and time-shift LLC resonant controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STNRG011 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STNRG011 Datasheet HTML 21Page - STMicroelectronics STNRG011 Datasheet HTML 22Page - STMicroelectronics STNRG011 Datasheet HTML 23Page - STMicroelectronics STNRG011 Datasheet HTML 24Page - STMicroelectronics STNRG011 Datasheet HTML 25Page - STMicroelectronics STNRG011 Datasheet HTML 26Page - STMicroelectronics STNRG011 Datasheet HTML 27Page - STMicroelectronics STNRG011 Datasheet HTML 28Page - STMicroelectronics STNRG011 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 31 page
background image
Revision history
Table 10. Document revision history
Date
Version
Changes
25-Oct-2017
1
Initial release.
15-Dec-2017
2
Updated Figure 4: Typical application schematic on page 15 (replaced by new figure).
15-Mar-2018
3
Updated Table 9: Order codes on page 32.
26-Feb-2021
4
In Table 4. Electrical characteristics:
- updated IVcc_charge Max. values for tests:
-- (i) VVAC > 40 V, VCC < 0.8 V
-- (ii) VVAC > 40 V, 0.8 V < VCC < VccCoreOn
- updated Fck Max. value
STNRG011
DS12075 - Rev 4
page 25/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com