Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STNRG011 Datasheet(PDF) 20 Page - STMicroelectronics

Part # STNRG011
Description  Digital combo multi-mode PFC and time-shift LLC resonant controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STNRG011 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STNRG011 Datasheet HTML 16Page - STMicroelectronics STNRG011 Datasheet HTML 17Page - STMicroelectronics STNRG011 Datasheet HTML 18Page - STMicroelectronics STNRG011 Datasheet HTML 19Page - STMicroelectronics STNRG011 Datasheet HTML 20Page - STMicroelectronics STNRG011 Datasheet HTML 21Page - STMicroelectronics STNRG011 Datasheet HTML 22Page - STMicroelectronics STNRG011 Datasheet HTML 23Page - STMicroelectronics STNRG011 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
9.8.3
LLC OCP2
If the LLC OC2 comparator is triggered for a number of times greater than a threshold set by the user the device
sets the OCP2 fault and it is shut down. The OCP2 fault can be programmed as latched or not latched.
9.8.4
LLC soft-start timeout
If the LLC output voltage cannot reach the regulation value within 100 ms, the device enters the LLC soft-start
timeout fault and it is shut down. The fault can be programmed as latched or not latched.
9.8.5
LLC OVP
If the LLC_AUX pin voltage is higher than the LLC OVP comparator threshold (2.5 V), the system enters the LLC
OVP fault state and it is turned off. The fault can be programmed as latched or not latched and can be disabled.
9.8.6
LLC_CS disconnection
If the LLC_CS pin is stuck at 0 V or 5 V during the soft-start the system enters the LLC_CS disconnection fault
(latched) and it is shut down if the disconnection faults detection is enabled in NVM.
9.8.7
LLC_AUX disconnection
If the pure external burst-mode is enabled and the LLC_AUX pin is stuck at 0 V during the burst and the
LLC_FB pin is higher than the burst comparator threshold, after 32 burst packets, the system enters LLC_AUX
disconnection protection (latched) and it is shut down if the disconnection faults detection is enabled in NVM.
9.9
ADC
The system ADC is an 8-channel 15-MHz SAR 10-bit A/D converter.
It needs 7 cycles (470 ns) for sampling and 11 cycles (740 ns) to convert the data.
It is controlled by a SW programmable scheduler allowing flexible system signals reading:
•
Fixed time sequence conversion
•
Event driven sequence conversion
Table 7. ADC input signals
Signal
Pin
Notes
FSR
Input line voltage
VAC
Internal voltage divider
484.5 V
PFC feedback voltage
PFC_FB
Direct reading
2.5 V
LLC feedback voltage
LLC_FB
Direct reading
2.5 V
9.10
Burst-mode
9.10.1
Specific resources
Burst comparator on LLC_FB pin
The LLC BURST comparator at the LLC_FB pin is used to wake-up the system, in order to perform a burst
sequence.
The comparator is alive also during sleep and the wake-up threshold is programmable (0.75 V, 1 V, 1.25 V).
External burst-mode comparator on LLC_AUX pin
The external burst-mode comparator with the 0.9 V threshold on the LLC_AUX pin is used to enter / exit the
burst-mode using an external digital signal. The external burst-mode operation can be enabled / disabled using a
NVM bit.
30-kHz system oscillator
A 30-kHz oscillator (always on) keeps the system alive.
STNRG011
ADC
DS12075 - Rev 4
page 20/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com