Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32W108CB Datasheet(PDF) 92 Page - STMicroelectronics

Part # STM32W108CB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108CB Datasheet(HTML) 92 Page - STMicroelectronics

Back Button STM32W108CB Datasheet HTML 88Page - STMicroelectronics STM32W108CB Datasheet HTML 89Page - STMicroelectronics STM32W108CB Datasheet HTML 90Page - STMicroelectronics STM32W108CB Datasheet HTML 91Page - STMicroelectronics STM32W108CB Datasheet HTML 92Page - STMicroelectronics STM32W108CB Datasheet HTML 93Page - STMicroelectronics STM32W108CB Datasheet HTML 94Page - STMicroelectronics STM32W108CB Datasheet HTML 95Page - STMicroelectronics STM32W108CB Datasheet HTML 96Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 278 page
background image
General-purpose input/output
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
92/278
Doc ID 16252 Rev 14
Output mode
Output mode provides a general purpose output under direct software control. Regardless
of whether an output is configured as push-pull or open-drain, the GPIO's bit in the
GPIOx_ODR register controls the output. The GPIOx_BSR and GPIOx_BRR registers can
atomically set and clear bits within GPIOx_ODR register. These set and clear registers
simplify software using the output port because they eliminate the need to disable interrupts
to perform an atomic read-modify-write operation of GPIOx_ODR.
When configured in output mode:
●
The output drivers are enabled and are controlled by the value written to GPIOx_ODR:
●
In open-drain mode: 0 activates the N-MOS current sink; 1 tri-states the pin.
●
In push-pull mode: 0 activates the N-MOS current sink; 1 activates the P-MOS current
source.
●
The internal pull-up and pull-down resistors are disabled.
●
The Schmitt trigger input is connected to the pin.
●
Reading GPIOx_IDR returns the input at the pin.
●
Reading GPIOx_ODR returns the last value written to the register.
Note:
Depending on configuration and usage, GPIOx_ODR and GPIOx_IDR may not have the
same value.
Alternate output mode
In this mode, the output is controlled by an on-chip peripheral instead of GPIOx_ODR and
may be configured as either push-pull or open-drain. Most peripherals require a particular
output type - I2C requires an open-drain driver, for example - but since using a peripheral
does not by itself configure a pin, the GPIOx_CRH/L registers must be configured properly
for a peripheral's particular needs. As described in Section 8.1.2: Configuration on page 89,
when more than one peripheral can be the source of output data, registers in addition to
GPIOx_CRH/L determine which to use.
When configured in alternate output mode:
●
The output drivers are enabled and are controlled by the output of an on-chip
peripheral:
●
In open-drain mode: 0 activates the N-MOS current sink; 1 tri-states the pin.
●
In push-pull mode: 0 activates the N-MOS current sink; 1 activates the P-MOS current
source.
●
The internal pull-up and pull-down resistors are disabled.
●
The Schmitt trigger input is connected to the pin.
●
Reading GPIOx_IDR returns the input to the pin.
Note:
Depending on configuration and usage, GPIOx_ODR and GPIOx_IDR may not have the
same value.
Alternate output SPI SCLK mode
SPI master mode SCLK outputs, PB3 (SC1SCLK) or PA2 (SC2SCLK), use a special output
push-pull mode reserved for those signals. Otherwise this mode is identical to alternate
output mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com