Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32W108CB Datasheet(PDF) 158 Page - STMicroelectronics

Part # STM32W108CB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108CB Datasheet(HTML) 158 Page - STMicroelectronics

Back Button STM32W108CB Datasheet HTML 154Page - STMicroelectronics STM32W108CB Datasheet HTML 155Page - STMicroelectronics STM32W108CB Datasheet HTML 156Page - STMicroelectronics STM32W108CB Datasheet HTML 157Page - STMicroelectronics STM32W108CB Datasheet HTML 158Page - STMicroelectronics STM32W108CB Datasheet HTML 159Page - STMicroelectronics STM32W108CB Datasheet HTML 160Page - STMicroelectronics STM32W108CB Datasheet HTML 161Page - STMicroelectronics STM32W108CB Datasheet HTML 162Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 278 page
background image
General-purpose timers
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
158/278
Doc ID 16252 Rev 14
The auto-reload register is buffered. Writing to or reading from the auto-reload register
accesses the buffer register. The contents of the buffer register are transferred into the
shadow register permanently or at each update event (UEV), depending on the auto-reload
buffer enable bit (ARPE) in the TIMx_CR1 register. The update event is generated when
both the counter reaches the overflow (or underflow when down-counting) and when the
UDIS bit equals 0 in the TIMx_CR1 register. It can also be generated by software. Update
event generation is described in detail for each configuration.
The counter is clocked by the prescaler output CK_CNT, which is enabled only when the
counter enable bit (CEN) in the TIMx_CR1 register is set. Refer also to the slave mode
controller description in the Timers and External Trigger Synchronization section to get more
details on counter enabling.
Note that the actual counter enable signal CNT_EN is set one clock cycle after CEN.
Note:
When the STM32W108 enters debug mode and the ARM® Cortex-M3 core is halted, the
counters continue to run normally.
Prescaler
The prescaler can divide the counter clock frequency by power of two from 1 through 32768.
It is based on a 16-bit counter controlled through the 4-bit PSC[3:0] in the TIMx_PSC
register. The factor by which the internal timer clock frequency (fCK_PSC) is divided is two
raised to the power PSC[3:0]:
CK_CNT
f
CK_PSC
2 ^ PSC[3:0]
()
⁄
=
It can be changed on the fly as this control register is buffered. The new prescaler ratio is
used starting at the next update event.
Figure 16 gives an example of the counter behavior when the prescaler ratio is changed on
the fly.
Figure 16.
Counter timing diagram with prescaler division change from 1 to 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com