Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MFS5600AVMA0EP Datasheet(PDF) 32 Page - NXP Semiconductors

Part # MFS5600AVMA0EP
Description  Automotive buck regulator and controller with voltage monitors and watchdog timer
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS5600AVMA0EP Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button MFS5600AVMA0EP Datasheet HTML 28Page - NXP Semiconductors MFS5600AVMA0EP Datasheet HTML 29Page - NXP Semiconductors MFS5600AVMA0EP Datasheet HTML 30Page - NXP Semiconductors MFS5600AVMA0EP Datasheet HTML 31Page - NXP Semiconductors MFS5600AVMA0EP Datasheet HTML 32Page - NXP Semiconductors MFS5600AVMA0EP Datasheet HTML 33Page - NXP Semiconductors MFS5600AVMA0EP Datasheet HTML 34Page - NXP Semiconductors MFS5600AVMA0EP Datasheet HTML 35Page - NXP Semiconductors MFS5600AVMA0EP Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 111 page
background image
NXP Semiconductors
FS5600
Automotive buck regulator and controller with voltage monitors and watchdog timer
A frequency watchdog monitors the external clock at the SYNCIN pin. If the external
clock is not present or invalid, the device automatically switches to the internal clock.
The device switches back to the external clock if the frequency watchdog detects a valid
input.
When the external clock is selected, the switching regulators should be set in PWM mode
at the application level to ensure clock synchronization.
14.6 SYNCOUT function settings
The GPIO2 pin may be configured as SYNCOUT via OTP by setting
OTP_GPIO2_CFG[1:0] = 0b10. When configured as SYNCOUT, GPIO2 outputs the clock
that the SW1 regulator uses (in terms of phasing and frequency) in a push-pull mode
railing to VDDIO and ground.
15 I/O Pins in FS5600
The FS5600 has several I/O pins for system control and monitoring. These are described
in Section 15.1 through Section 15.6. Parametric requirements for all the IO's are
summarized in Section 15.1.
15.1 I/O pins electrical specifications
All parameters are specified at TA = –40 °C to 125 °C, VIN = 12 V, typical external
component values, unless otherwise noted. Typical values are specified at 25 °C, unless
otherwise noted.
Parameter
Symbol
Min
Typ
Max
Unit
EN1, EN2 Rising Threshold
ENx_r
1.40
—
—
V
EN1, EN2 Falling Threshold
ENx_f
—
—
0.95
V
EN1, EN2 Debounce
ENx_db
—
70
—
µs
SDA/SCL Rising Threshold (2.2k kΩ pullup to VDDIO)
I2C_r
—
—
0.7*VDDIO
V
SDA/SCL Falling Threshold (2.2k kΩ pullup to VDDIO)
I2C_f
0.3*VDDIO —
—
V
PGOOD1/2_VOH (10 kΩ pullup to VDDIO)
PG_VOH
—
—
VDDIO – 0.5 V
PGOOD1/2_VOL(10 kΩ pullup to VDDIO)
PG_VOL
0.4
—
—
V
MODE Rising Threshold
MODE_r
—
—
1.25
V
MODE Falling Threshold
MODE_f
0.35
—
—
V
MODE Debounce: Rising Edge (OTP_MODE_DB = 0)
MODE_db —
40
—
µs
MODE Debounce: Rising Edge (OTP_MODE_DB = 1)
MODE_db —
10
—
ms
MODE Debounce Falling Edge (OTP_MODE_DB = 0/1)
MODE_db —
70
—
µs
GPIOx_VOH (10 kΩ pullup to VDDIO)
GPIO_VOH —
—
VDDIO - 0.5 V
GPIOx_VOL (10kΩ pullup to VDDIO)
GPIO_VOL 0.4
—
—
V
SYNCOUT_VOH (push-pull)
SYNCOUT_
VOH
—
—
0.7*VDDIO
V
SYNCOUT_VOL (push-pull)
SYNCOUT_
VOL
0.3*VDDIO —
—
V
Table 30. I/O pin electrical specifications
FS5600
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Product data sheet
Rev. 3 — 2 August 2022
32 / 111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com