Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MFS5600AVMA0EP Datasheet(PDF) 45 Page - NXP Semiconductors

Part # MFS5600AVMA0EP
Description  Automotive buck regulator and controller with voltage monitors and watchdog timer
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS5600AVMA0EP Datasheet(HTML) 45 Page - NXP Semiconductors

Back Button MFS5600AVMA0EP Datasheet HTML 41Page - NXP Semiconductors MFS5600AVMA0EP Datasheet HTML 42Page - NXP Semiconductors MFS5600AVMA0EP Datasheet HTML 43Page - NXP Semiconductors MFS5600AVMA0EP Datasheet HTML 44Page - NXP Semiconductors MFS5600AVMA0EP Datasheet HTML 45Page - NXP Semiconductors MFS5600AVMA0EP Datasheet HTML 46Page - NXP Semiconductors MFS5600AVMA0EP Datasheet HTML 47Page - NXP Semiconductors MFS5600AVMA0EP Datasheet HTML 48Page - NXP Semiconductors MFS5600AVMA0EP Datasheet HTML 49Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 111 page
background image
NXP Semiconductors
FS5600
Automotive buck regulator and controller with voltage monitors and watchdog timer
The polarity of the fault signals is configurable using FCCU12_FLT_POL register:
• When FCCU12_FLT_POL = 0, FCCU1 = 0 or FCCU2 = 1 is a fault
• When FCCU12_FLT_POL = 1, FCCU1 = 1 or FCCU2 = 0 is a fault
The FS0B is asserted when an FCCU fault is detected and the state machine returns to
INIT_RUN state.
It is possible to program the PGOOD1 and PGOOD2 pins to also toggle during an FCCU
fault if they are programmed to do so via OTP. PGOOD1/2 may be used to assert RESET
of the MCU in this case. See Section 17.6 on PGOOD for details.
17.4.2 Single/independent FCCU monitoring
When FCCU12_BISTABLE = 0, FCCU1 and FCCU2 may be used for independent signal
monitoring.
Either or both FCCU pins may be used in this configuration.
For FCCU1/2 the polarity of the fault signal is configurable using FCCU1/2_FLT_POL
register:
• When FCCUx_FLT_POL = 0, LOW level on FCCUx is a fault
• When FCCUx_FLT_POL = 1, HIGH-level on FCCUx is a fault
The FS0B pin is asserted when an FCCU fault is detected and the state machine returns
to INIT_RUN state.
It is possible to program the PGOOD1 and PGOOD2 pins also to assert during an FCCU
fault. PGOOD1/2 may be used to assert RESET of the MCU in this case.
17.4.3 FCCU status reporting via interrupt register
The FCCU12_ERR bit is set high when an error in FCCU12 (bi-stable) is detected.
FCCU1_ERR bit is set high when an error in FCCU1 is detected. FCCU2_ERR bit is set
high when an error in FCCU2 is detected. Table 43 summarizes the error scenarios for
FCCU1/2.
FCCU1/2FLT_POL
FCCU1 pin
FCCU2 pin
Status
0
0
0
Error
0
0
1
Error
0
1
0
No Error
0
1
1
Error
1
0
0
Error
1
0
1
No Error
1
1
0
Error
1
1
1
Error
Table 43. FCCU1/2 status reporting error scenarios
17.5 External signal monitoring using ERRMON
GPIO1 and GPIO3 may be configured as ERRMON1 and ERRMON2 by setting
OTP_GPIO1_CFG[1:0] = 0b10 and OTP_GPIO3_CFG[1:0] = 0b10 respectively. When
FS5600
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Product data sheet
Rev. 3 — 2 August 2022
45 / 111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com