Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MFS5600AVMA0EP Datasheet(PDF) 52 Page - NXP Semiconductors

Part # MFS5600AVMA0EP
Description  Automotive buck regulator and controller with voltage monitors and watchdog timer
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS5600AVMA0EP Datasheet(HTML) 52 Page - NXP Semiconductors

Back Button MFS5600AVMA0EP Datasheet HTML 48Page - NXP Semiconductors MFS5600AVMA0EP Datasheet HTML 49Page - NXP Semiconductors MFS5600AVMA0EP Datasheet HTML 50Page - NXP Semiconductors MFS5600AVMA0EP Datasheet HTML 51Page - NXP Semiconductors MFS5600AVMA0EP Datasheet HTML 52Page - NXP Semiconductors MFS5600AVMA0EP Datasheet HTML 53Page - NXP Semiconductors MFS5600AVMA0EP Datasheet HTML 54Page - NXP Semiconductors MFS5600AVMA0EP Datasheet HTML 55Page - NXP Semiconductors MFS5600AVMA0EP Datasheet HTML 56Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 111 page
background image
NXP Semiconductors
FS5600
Automotive buck regulator and controller with voltage monitors and watchdog timer
OTP bit
Fault counter configuration
OTP_ERRMON1_FLT_CNT_EN = 1[1]
increments FLT_ERR_CNT if a valid fault on the
ERRMON1 pin is detected.
OTP_ERRMON2_FLT_CNT_EN = 1[1]
increments FLT_ERR_CNT if a valid fault on the
ERRMON2 pin is detected.
OTP_FCCU_FLT_CNT_EN = 1
increments FLT_ERR_CNT if a valid fault on the
FCCU1/FCCU2 pin is detected
Table 50. Fault counter source assignment...continued
[1]
FLT_ERR_CNT increment due to an ERRMON1/2 fault occurs only in the NORMAL STATE. If a fault occurs in the
ERRMON1/2 in the INIT_RUN state, the FLT_ERR_CNT is not incremented.
17.12 Latent failure detection
17.12.1 Analog built-in self-test (ABIST)
Analog Built In Self-test (ABIST) may be enabled via OTP by setting the OTP_ABIST_EN
bit. ABIST is bypassed if OTP_ABIST_EN = 0. If enabled, the following actions are
performed.
• CRC check on mirror registers
• Checking that internal oscillators are within 15% tolerance
• Checking main band gap and monitoring band gap are within 12% of each other
• ABIST on SW1, SW2, VMON1, VMON2, VMON3, VMON4 voltage monitors.
• Check on PGOOD1, PGOOD2, and FS0B pins (check if PGOOD1, PGOOD2, and
FS0B pins are low during ABIST)
GPIO pins when used as inputs (FCCU/ERRMON) can be checked at the system level
using real-time status registers (GPIO1/2/3_RT).
Results from ABIST are stored in registers for evaluation by the processor.
The system microcontroller shall be responsible to evaluate the ABIST results and
determine if the FS5600 can proceed to the NORMAL STATE.
Flag name
Description
ABIST_CRC_ERR = 1
indicates that there was an error with the CRC
values in the mirror register.
ABIST_OSC_ERR = 1
indicates that the 20 MHz oscillator is not within
15 % of its nominal value.
BG_ERR = 1
indicates that the main and monitoring band
gaps are not within 12 % of each other.
ABIST_VMON1_OV_ERR = 1
indicates that the VMON1's over voltage
monitor is not operating in the expected range.
ABIST_VMON1_UV_ERR = 1
indicates that the VMON1's under voltage
monitor is not operating in the expected range.
ABIST_VMON2_OV_ERR = 1
indicates that the VMON2's over voltage
monitor is not operating in the expected range.
ABIST_VMON2_UV_ERR = 1
indicates that the VMON2's under voltage
monitor is not operating in the expected range.
Table 51. ABIST flag bits
FS5600
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Product data sheet
Rev. 3 — 2 August 2022
52 / 111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com