Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R1114X Datasheet(PDF) 18 Page - Nisshinbo Micro Devices Inc.

Part # R1114X
Description  LOW NOISE 150mA LDO REGULATOR
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

R1114X Datasheet(HTML) 18 Page - Nisshinbo Micro Devices Inc.

Back Button R1114X Datasheet HTML 14Page - Nisshinbo Micro Devices Inc. R1114X Datasheet HTML 15Page - Nisshinbo Micro Devices Inc. R1114X Datasheet HTML 16Page - Nisshinbo Micro Devices Inc. R1114X Datasheet HTML 17Page - Nisshinbo Micro Devices Inc. R1114X Datasheet HTML 18Page - Nisshinbo Micro Devices Inc. R1114X Datasheet HTML 19Page - Nisshinbo Micro Devices Inc. R1114X Datasheet HTML 20Page - Nisshinbo Micro Devices Inc. R1114X Datasheet HTML 21Page - Nisshinbo Micro Devices Inc. R1114X Datasheet HTML 22Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
R1114x
18
11) Load Transient Response (tr
=tf=0.5μs, CIN=Ceramic 1.0μF)
R1114x151x
VIN=2.5V, COUT=Ceramic 1.0
μF
1.75
1.70
1.65
1.60
1.55
1.50
1.45
150
100
50
0
2
0
4
8
10
12
14
16
18
20
6
Time T(
μs)
Output Current
Output Voltage
R1114x151x
VIN=2.5V, COUT=Ceramic 2.2
μF
1.75
1.70
1.65
1.60
1.55
1.50
1.45
150
100
50
0
2
0
4
8
10
12
14
16
18
20
6
Time T(
μs)
Output Current
Output Voltage
R1114x281x
VIN=3.8V, COUT=Ceramic 0.47
μF
3.05
3.00
2.95
2.90
2.85
2.80
2.75
150
100
50
0
2
0
4
8
10
12
14
16
18
20
6
Time T(
μs)
Output Current
Output Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com