Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R1114X Datasheet(PDF) 20 Page - Nisshinbo Micro Devices Inc.

Part # R1114X
Description  LOW NOISE 150mA LDO REGULATOR
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

R1114X Datasheet(HTML) 20 Page - Nisshinbo Micro Devices Inc.

Back Button R1114X Datasheet HTML 15Page - Nisshinbo Micro Devices Inc. R1114X Datasheet HTML 16Page - Nisshinbo Micro Devices Inc. R1114X Datasheet HTML 17Page - Nisshinbo Micro Devices Inc. R1114X Datasheet HTML 18Page - Nisshinbo Micro Devices Inc. R1114X Datasheet HTML 19Page - Nisshinbo Micro Devices Inc. R1114X Datasheet HTML 20Page - Nisshinbo Micro Devices Inc. R1114X Datasheet HTML 21Page - Nisshinbo Micro Devices Inc. R1114X Datasheet HTML 22Page - Nisshinbo Micro Devices Inc. R1114X Datasheet HTML 23Page - Nisshinbo Micro Devices Inc.  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
R1114x
20
R1114x281D (VIN
=3.8V, CIN=Ceramic 0.47μF, COUT=Ceramic 0.47μF)
4
0
-1
1
2
3
8
4
5
0
3
2
1
6
7
0
5
10
15
20
25
-5
Time T(
μs)
VIN
IOUT= 0mA
IOUT= 30mA
IOUT= 150mA
4
0
-1
1
2
3
8
4
5
0
3
2
1
6
7
0
204060 80
120
100
140 160 180
-20
Time T(
μs)
VIN
IOUT= 0mA
IOUT= 30mA
IOUT= 150mA
R1114x401D (VIN
=5.0V, CIN=Ceramic 0.47μF, COUT=Ceramic 0.47μF)
8
6
4
2
0
-2
14
12
10
8
6
4
2
0
-2
0
5
10
15
20
25
-5
Time T(
μs)
VIN
IOUT= 0mA
IOUT= 30mA
IOUT= 150mA
8
6
4
2
0
-2
14
12
10
8
6
4
2
0
-2
0
20 40 60 80 100 120 140 160 180
-20
Time T(
μs)
VIN
IOUT= 0mA
IOUT= 30mA
IOUT= 150mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com