Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R1114X Datasheet(PDF) 15 Page - Nisshinbo Micro Devices Inc.

Part # R1114X
Description  LOW NOISE 150mA LDO REGULATOR
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

R1114X Datasheet(HTML) 15 Page - Nisshinbo Micro Devices Inc.

Back Button R1114X Datasheet HTML 11Page - Nisshinbo Micro Devices Inc. R1114X Datasheet HTML 12Page - Nisshinbo Micro Devices Inc. R1114X Datasheet HTML 13Page - Nisshinbo Micro Devices Inc. R1114X Datasheet HTML 14Page - Nisshinbo Micro Devices Inc. R1114X Datasheet HTML 15Page - Nisshinbo Micro Devices Inc. R1114X Datasheet HTML 16Page - Nisshinbo Micro Devices Inc. R1114X Datasheet HTML 17Page - Nisshinbo Micro Devices Inc. R1114X Datasheet HTML 18Page - Nisshinbo Micro Devices Inc. R1114X Datasheet HTML 19Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
R1114x
15
7) Dropout Voltage vs. Set Output Voltage (Topt
=25°C)
0.60
0.40
0.50
0.20
0.10
0.30
0.00
Set Output Voltage VREG(V)
2.0
1.5
1.0
4.0
3.5
3.0
2.5
10mA
30mA
50mA
150mA
8) Ripple Rejection vs. Input Bias Voltage (Topt
=25°C, CIN=none, COUT=ceramic0.47μF)
R1114x281x
R1114x281x
90
70
80
50
60
30
40
10
20
0
Input Voltage VIN(V)
Ripple 0.2Vp-p, IOUT=1mA
3.0
2.9
3.3
3.2
3.1
f=1kHz
f=10kHz
f=100kHz
90
70
80
50
60
30
40
10
20
0
Ripple 0.5Vp-p, IOUT=1mA
3.0
2.9
3.3
3.2
3.1
Input Voltage VIN(V)
f=1kHz
f=10kHz
f=100kHz
R1114x281x
R1114x281x
90
70
80
50
60
30
40
10
20
0
Ripple 0.2Vp-p, IOUT=30mA
3.0
2.9
3.3
3.2
3.1
Input Voltage VIN(V)
f=1kHz
f=10kHz
f=100kHz
90
70
80
50
60
30
40
10
20
0
Ripple 0.5Vp-p, IOUT=30mA
3.0
2.9
3.3
3.2
3.1
Input Voltage VIN(V)
f=1kHz
f=10kHz
f=100kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com