Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CSTCR4M00G55B-R0 Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd

Part # CSTCR4M00G55B-R0
Description  Ceramic Resonators/Crystal Units/MEMS Resonators
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

CSTCR4M00G55B-R0 Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd

  CSTCR4M00G55B-R0 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd CSTCR4M00G55B-R0 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd CSTCR4M00G55B-R0 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd CSTCR4M00G55B-R0 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd CSTCR4M00G55B-R0 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd CSTCR4M00G55B-R0 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd CSTCR4M00G55B-R0 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd CSTCR4M00G55B-R0 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd CSTCR4M00G55B-R0 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Document No. JGC42-8792
株式会社
村
田
製
作
所
Murata Manufacturing Co.,Ltd.
P. 4/19
7. バラ品包装規格 Packaging Standard (Bulk)
最小包装単位(製品
500個)毎に包装し、品番、数量及びロット番号を表示します。
Each minimum package unit of components (500 pcs) shall be in a carton box and it shall be
clearly marked with part number, quantity and outgoing inspection number.
8. テーピング品包装規格 Packaging Standard (Taping)
8-1 寸法図 Dimensions of Taping
2.0±0.05
4.0±0.1
φ 1.5 +0.1
-0.0
(3°)
10
引きはがし強度
カバーテープ
引き出し方向
単位:
mm
引きはがしスピード
300mm /分
Cover Film
Direction of Feed
The cover film peel strength force
The cover film peel speed 300mm/min.
in mm
4.0±0.1
0.1~0.7N
0.1 to 0.7N
1.5
φ
2.2±0.1
゜
+0.1
-0.0
8-1-1
製品の方向は上図の通りとし、裏表反転なきこととします。端子番号は項目
6を参照ください。
The direction of component shall be fixed as shown in above dimensions. Please refer to
item 6 for the terminal number.
8-1-2
カバーテープの
170
反転引きはがし強度は0.1~0.7N(参考値)とします。
The peel strength of cover film shall be 0.1 to 0.7N (reference) which measured at 170
degrees with respect to the carrier tape.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com