Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CSTCR4M00G55B-R0 Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd

Part # CSTCR4M00G55B-R0
Description  Ceramic Resonators/Crystal Units/MEMS Resonators
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

CSTCR4M00G55B-R0 Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd

  CSTCR4M00G55B-R0 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd CSTCR4M00G55B-R0 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd CSTCR4M00G55B-R0 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd CSTCR4M00G55B-R0 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd CSTCR4M00G55B-R0 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd CSTCR4M00G55B-R0 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd CSTCR4M00G55B-R0 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd CSTCR4M00G55B-R0 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd CSTCR4M00G55B-R0 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Document No. JGC42-8792
株式会社
村
田
製
作
所
Murata Manufacturing Co.,Ltd.
P. 5/19
8-2 リール外形寸法図 Dimensions of Reel
8-2-1
テープは右巻き(テープの端を手前に取り出した時、送り穴が右側になる向き)とします。
The tape for components shall be wound clockwise. The feeding holes shall be to the right side
as the tape is pulled toward the user.
8-2-2
トレーラー部には
160~190mm、リーダー部には160mm以上製品の入っていない部分を設けま
す。
リーダー部のテープの長さは製品の入っていない部分を含み
400~560mm設けます。
No component shall exist in trailer area of 160 to 190mm and in leader area of 160mm min. at
the tip of the tape. Extended cover film shall exist of 400 to 560 mm including leader area.
8-2-3
テープの巻き終わりは、接着テープ(
30~50mm)でカバーテープのリーダー部をリール側面
に貼りつけます。
Leader area at the tip of the cover film shall be attached to the side of reel with adhesive tape
(30 to 50mm).
8-3
1リール3,000個収納とします。
A reel shall contain 3,000pcs of components.
8-4
リール側面に表示ラベルを貼り、当社品番・貴社部品番号・数量及び、検査番号を記入します。
Part Number, Customer's Part Number, Quantity and Outgoing Inspection Number shall be
shown in the label on each reel.
2.0±0.5
単位:mm
160 以上/min.
トレーラー部
リーダー部
チップ装着部
空部
カバーテープ
空部
Trailer
Empty
Components
Empty
Leader
Cover Film
in mm
160~190
400~560mm
13.0+1.0
0
Φ13.0±0.2
400 to 560mm
160 to 190
17.0±1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com