Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CSTCR4M00G55B-R0 Datasheet(PDF) 6 Page - Murata Manufacturing Co., Ltd

Part # CSTCR4M00G55B-R0
Description  Ceramic Resonators/Crystal Units/MEMS Resonators
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

CSTCR4M00G55B-R0 Datasheet(HTML) 6 Page - Murata Manufacturing Co., Ltd

Back Button CSTCR4M00G55B-R0 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd CSTCR4M00G55B-R0 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd CSTCR4M00G55B-R0 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd CSTCR4M00G55B-R0 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd CSTCR4M00G55B-R0 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd CSTCR4M00G55B-R0 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd CSTCR4M00G55B-R0 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd CSTCR4M00G55B-R0 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd CSTCR4M00G55B-R0 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Document No. JGC42-8792
株式会社
村
田
製
作
所
Murata Manufacturing Co.,Ltd.
P. 6/19
9. 測定方法 Measuring Method
9-1 発振周波数
: 第1図に示す回路で測定します。測定用回路は当社にて作
製した回路を用います。
Oscillating Frequency
: See Figure 1.
The measurement circuit is made by Murata.
9-2 等価定数
: ベクトルインピ-ダンスアナライザ-4294(KEYSIGHT製)ま
たは相当品にて測定します。測定電圧は
0.175Vrmsです。
Equivalent Circuit Value
: Vector Impedance Analyzer 4294(KEYSIGHT) or equiva-
lent is used for the measurement. Applied voltage is
0.175Vrms.
9-3 測定条件
: 温度+25±5℃、湿度20~85%R.H.を標準測定状態とします。
Measuring Condition
: Standard conditions for the measurement shall be
+25±5°C and 20 to 85%R.H..
IC:1/6 TC74HCU04 x2
(Toshiba)
VDD:+5±0.1V
Rf:1MΩ
Rd:680Ω
端子番号
Terminal
Number
: (1)入力
Input
(2)アース
GND
(3)出力
Output
第
1図
発振周波数測定回路図
Figure 1.
Measurement circuit of oscillating frequency
出力
(周波数カウンターへ)
(To Frequency Counter)
Output
VDD
C1
C2
Rf
(1)
(3)
(2)
CERALOCK
Rd
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com