Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

V53C1256162VBLS7IPC Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # V53C1256162VBLS7IPC
Description  256Mbit MOBILE SDRAM 2.5 VOLT FBGA PACKAGE 16M X 16
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

V53C1256162VBLS7IPC Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  V53C1256162VBLS7IPC Datasheet HTML 1Page - List of Unclassifed Manufacturers V53C1256162VBLS7IPC Datasheet HTML 2Page - List of Unclassifed Manufacturers V53C1256162VBLS7IPC Datasheet HTML 3Page - List of Unclassifed Manufacturers V53C1256162VBLS7IPC Datasheet HTML 4Page - List of Unclassifed Manufacturers V53C1256162VBLS7IPC Datasheet HTML 5Page - List of Unclassifed Manufacturers V53C1256162VBLS7IPC Datasheet HTML 6Page - List of Unclassifed Manufacturers V53C1256162VBLS7IPC Datasheet HTML 7Page - List of Unclassifed Manufacturers V53C1256162VBLS7IPC Datasheet HTML 8Page - List of Unclassifed Manufacturers V53C1256162VBLS7IPC Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
1
V55C2256164VB
256Mbit MOBILE SDRAM
2.5 VOLT FBGA PACKAGE 16M X 16
V55C2256164VB Rev. 1.0 April 2005
78PC
10
System Frequency (fCK)
143 MHz
125 MHz
100MHz
Clock Cycle Time (tCK3)
7 ns
8 ns
10 ns
Clock Access Time (tAC3) CAS Latency = 3
5.4 ns
6 ns
7 ns
Clock Access Time (tAC2) CAS Latency = 2
6 ns
6 ns
8 ns
Clock Access Time (tAC1) CAS Latency = 1
19 ns
19 ns
22 ns
Features
■ 4 banks x 4Mbit x 16 organization
■ High speed data transfer rates up to 143 MHz
■ Full Synchronous Dynamic RAM, with all signals
referenced to clock rising edge
■ Single Pulsed RAS Interface
■ Data Mask for Read/Write Control
■ Four Banks controlled by BA0 & BA1
■ Programmable CAS Latency:1, 2, 3
■ Programmable Wrap Sequence: Sequential or
Interleave
■ Programmable Burst Length:
1, 2, 4, 8, Full page for Sequential Type
1, 2, 4, 8 for Interleave Type
■ Multiple Burst Read with Single Write Operation
■ Automatic and Controlled Precharge Command
■ Random Column Address every CLK (1-N Rule)
■ Power Down Mode and Clock Suspend Mode
■ Deep Power Mode
■ Auto Refresh and Self Refresh
■ Refresh Interval: 8192 cycles/64 ms
■ Available in 54-ball FBGA, with 9x6 ball array
with 3 depupulated rows, 13x8 mm and 54 pin
TSOP II
■ VDD=2.5V, VDDQ=1.8V
■ Programmable Power Reduction Feature by par-
tial array activation during Self-Refresh
■ Operating Temperature Range
Commercial (0
°C to 70°C)
Industrial (-40
°C to +85°C)
Device Usage Chart
Operating
Temperature
Range
Package Outline
Access Time (ns)
Temperature
Mark
C/T
7
8PC
10
0
°C to 70°C
•
•••
Commercial
-40
°C to 85°C
•
•
•
•
Extended


Similar Part No. - V53C1256162VBLS7IPC

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V53C104 MOSEL-V53C104 Datasheet
1Mb / 19P
HIGH PERFORMANCE, LOW POWER 256K X 4 BIT FAST PAGE MODE CMOS DYNAMIC RAM
V53C104A MOSEL-V53C104A Datasheet
1Mb / 17P
HIGH PERFORMANCE, LOW POWER 256K X 4 BIT FAST PAGE MODE CMOS DYNAMIC RAM
V53C104AK MOSEL-V53C104AK Datasheet
1Mb / 17P
HIGH PERFORMANCE, LOW POWER 256K X 4 BIT FAST PAGE MODE CMOS DYNAMIC RAM
V53C104AK-100 MOSEL-V53C104AK-100 Datasheet
1Mb / 17P
HIGH PERFORMANCE, LOW POWER 256K X 4 BIT FAST PAGE MODE CMOS DYNAMIC RAM
V53C104AK-100L MOSEL-V53C104AK-100L Datasheet
1Mb / 17P
HIGH PERFORMANCE, LOW POWER 256K X 4 BIT FAST PAGE MODE CMOS DYNAMIC RAM
More results

Similar Description - V53C1256162VBLS7IPC

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V54C3256 MOSEL-V54C3256 Datasheet
853Kb / 52P
256Mbit SDRAM 3.3 VOLT, TSOP II / SOC BGA / WBGA PACKAGE 16M X 16, 32M X 8, 64M X 4
V54C3256164VBUC MOSEL-V54C3256164VBUC Datasheet
651Kb / 45P
LOW POWER 256Mbit SDRAM 3.3 VOLT, 54-BALL SOC BGA 54-PIN TSOPII 16M X 16
V826516K04S MOSEL-V826516K04S Datasheet
159Kb / 13P
2.5 VOLT 16M x 64 HIGH PERFORMANCE UNBUFFERED DDR SDRAM MODULE
logo
Samsung semiconductor
K4S560432A SAMSUNG-K4S560432A Datasheet
127Kb / 10P
256Mbit SDRAM 16M x 4bit x 4 Banks Synchronous DRAM LVTTL
K4S560432B SAMSUNG-K4S560432B Datasheet
130Kb / 11P
256Mbit SDRAM 16M x 4bit x 4 Banks Synchronous DRAM LVTTL
logo
Mosel Vitelic, Corp
V54C3256164VALT6 MOSEL-V54C3256164VALT6 Datasheet
838Kb / 52P
256Mbit SDRAM 3.3 VOLT, TSOP II / SOC BGA / WBGA PACKAGE 16M X 16, 32M X 8, 64M X 4
logo
Emerging Memory & Logic...
EMD56164P EMLSI-EMD56164P Datasheet
770Kb / 45P
256M: 16M x 16 Mobile DDR SDRAM
EMD12324PV EMLSI-EMD12324PV Datasheet
938Kb / 46P
512M: 16M x 32 Mobile DDR SDRAM
logo
Hynix Semiconductor
H5MS5122DFR HYNIX-H5MS5122DFR Datasheet
2Mb / 62P
Mobile DDR SDRAM 512Mbit (16M x 32bit)
logo
Integrated Silicon Solu...
IS43LR32640A ISSI-IS43LR32640A Datasheet
1Mb / 43P
16M x 32Bits x 4Banks Mobile DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com