Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

V53C1256162VBLS7IPC Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # V53C1256162VBLS7IPC
Description  256Mbit MOBILE SDRAM 2.5 VOLT FBGA PACKAGE 16M X 16
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

V53C1256162VBLS7IPC Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button V53C1256162VBLS7IPC Datasheet HTML 7Page - List of Unclassifed Manufacturers V53C1256162VBLS7IPC Datasheet HTML 8Page - List of Unclassifed Manufacturers V53C1256162VBLS7IPC Datasheet HTML 9Page - List of Unclassifed Manufacturers V53C1256162VBLS7IPC Datasheet HTML 10Page - List of Unclassifed Manufacturers V53C1256162VBLS7IPC Datasheet HTML 11Page - List of Unclassifed Manufacturers V53C1256162VBLS7IPC Datasheet HTML 12Page - List of Unclassifed Manufacturers V53C1256162VBLS7IPC Datasheet HTML 13Page - List of Unclassifed Manufacturers V53C1256162VBLS7IPC Datasheet HTML 14Page - List of Unclassifed Manufacturers V53C1256162VBLS7IPC Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
ProMOS TECHNOLOGIES
V55C2256164VB
11
V55C2256164VB Rev. 1.0 April 2005
with Auto-Precharge function is initiated. The
SDRAM automatically enters the precharge opera-
tion a time delay equal to tWR (Write recovery time)
after the last data in.
Precharge Command
There is also a separate precharge command
available. When RAS and WE are low and CAS is
high at a clock timing, it triggers the precharge
operation. Three address bits, BA0, BA1 and A10
are used to define banks as shown in the following
list. The precharge command can be imposed one
clock before the last data out for CAS latency = 2,
two clocks before the last data out for CAS latency
= 3. Writes require a time delay twr from the last
data out to apply the precharge command.
Bank Selection by Address Bits:
Burst Termination
Once a burst read or write operation has been ini-
tiated, there are several methods in which to termi-
nate the
burst operation
prematurely.
These
methods include using another Read or Write Com-
mand to interrupt an existing burst operation, use a
Precharge Command to interrupt a burst cycle and
close the active bank, or using the Burst Stop Com-
mand to terminate the existing burst operation but
leave the bank open for future Read or Write Com-
mands to the same page of the active bank. When
interrupting a burst with another Read or Write
Command care must be taken to avoid I/O conten-
tion. The Burst Stop Command, however, has the
fewest restrictions making it the easiest method to
use when terminating a burst operation before it has
been completed. If a Burst Stop command is issued
during a burst write operation, then any residual
data from the burst write cycle will be ignored. Data
that is presented on the I/O pins before the Burst
Stop Command is registered will be written to the
memory.
A10
BA0
BA1
0
0
0
Bank 0
0
0
1
Bank 1
0
1
0
Bank 2
0
1
1
Bank 3
1X
X
all Banks
Recommended Operation and Characteristics
TA = 0 to 70 °C(Commercial)/-40 to 85 °C(Extended); VSS = 0 V; VCC= 2.5 V,VCCQ = 1.8V
Note:
1.
All voltages are referenced to VSS.
2.
VIH may overshoot to VCC + 0.8 V for pulse width of < 4ns with 2.5V. VIL may undershoot to -0.8 V for pulse width < 4.0 ns with
2.5V. Pulse width measured at 50% points with amplitude measured peak to DC reference.
Parameter
Symbol
Limit Values
Unit
Notes
min.
max.
Supply voltage
VCC
2.3
2.9
V
I/O Supply Voltage
VCCQ
1.65
2.9
V
1, 2
Input high voltage
VIH
0.8xVCCQ
Vcc+0.3
V
1, 2
Input low voltage
VIL
– 0.3
0.3
V
1, 2
Output high voltage (IOUT = – 4.0 mA)
VOH
VCCQ-0.2
–
V
Output low voltage (IOUT = 4.0 mA)
VOL
–0.4
V
Input leakage current, any input
(0 V < VIN < 3.6 V, all other inputs = 0 V)
II(L)
– 5
5
µA
Output leakage current
(DQ is disabled, 0 V < VOUT < VCC)
IO(L)
– 5
5
µA
Deep Power Down Mode
TheDeep Power Down mode is an unique functi
on with very low standby currents. All internal volat
ge generators inside the RAM are stopped and all
memory data is lost in this mode. To enter the Deep
Power Down mode all banks must be precharged.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com