Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

V53C1256162VBLS7IPC Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # V53C1256162VBLS7IPC
Description  256Mbit MOBILE SDRAM 2.5 VOLT FBGA PACKAGE 16M X 16
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

V53C1256162VBLS7IPC Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button V53C1256162VBLS7IPC Datasheet HTML 8Page - List of Unclassifed Manufacturers V53C1256162VBLS7IPC Datasheet HTML 9Page - List of Unclassifed Manufacturers V53C1256162VBLS7IPC Datasheet HTML 10Page - List of Unclassifed Manufacturers V53C1256162VBLS7IPC Datasheet HTML 11Page - List of Unclassifed Manufacturers V53C1256162VBLS7IPC Datasheet HTML 12Page - List of Unclassifed Manufacturers V53C1256162VBLS7IPC Datasheet HTML 13Page - List of Unclassifed Manufacturers V53C1256162VBLS7IPC Datasheet HTML 14Page - List of Unclassifed Manufacturers V53C1256162VBLS7IPC Datasheet HTML 15Page - List of Unclassifed Manufacturers V53C1256162VBLS7IPC Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 46 page
background image
12
V55C2256164VB Rev. 1.0 April 2005
ProMOS TECHNOLOGIES
V55C2256164VB
Absolute Maximum Ratings*
Operating temperature range (commercial)0 to 70 °C
Operating temperature range (extended) -25 to 85 °C
Storage temperature range ............... -55 to 150 °C
Input/output voltage .................. -0.3 to (VCC+0.3) V
Power supply voltage .......................... -0.3 to 3.6 V
Power dissipation .......................................... 0.7 W
Data out current (short circuit) ...................... 50 mA
*Note:
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage of the device.
Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
Operating Currents TA = 0 to 70 °C(Commercial)/-40 to 85 °C(Extended);
VSS = 0 V; VCC= 2.5 V,VCCQ = 1.8V(Recommended Operating Conditions unless otherwise noted)
Notes:
7.
These parameters depend on the cycle rate and these values are measured by the cycle rate under the minimum value of tCK and
tRC. Input signals are changed one time during tCK.
8.
These parameter depend on output loading. Specified values are obtained with output open.
Symbol
Parameter & Test Condition
Max.
Unit
Note
-7
-8PC
10
ICC1
Operating Current
tRC = tRCMIN., tRC = tCKMIN.
Active-precharge command cy-
cling, without Burst Operation
1 bank operation
110
100
90
mA
7
ICC2P
Precharge Standby Current
in Power Down Mode
CS =VIH, CKE≤ VIL(max)
tCK = min.
0.5
0.5
0.5
mA
7
ICC2PS
tCK = Infinity
0.5
0.5
0.5
mA
7
ICC2N
Precharge Standby Current
in Non-Power Down Mode
CS =VIH, CKE≥ VIL(max)
tCK = min.
20
20
20
mA
ICC2NS
tCK = Infinity
5
5
5
mA
ICC3N
No Operating Current
tCK = min, CS = VIH(min)
bank ; active state ( 4 banks)
CKE
≥ VIH(MIN.)
25
25
25
mA
ICC3P
CKE
≤ VIL(MAX.)
(Power down mode)
555
mA
ICC4
Burst Operating Current
tCK = min
Read/Write command cycling
110
90
70
mA
7,8
ICC5
Auto Refresh Current
tCK = min
Auto Refresh command cycling
165
155
150
mA
7
ICC7
Deep Power down Current
10
10
10
uA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com