Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PQAE50 Datasheet(PDF) 3 Page - CUI INC

Part # PQAE50
Description  DC-DC CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PQAE50 Datasheet(HTML) 3 Page - CUI INC

  PQAE50 Datasheet HTML 1Page - CUI INC PQAE50 Datasheet HTML 2Page - CUI INC PQAE50 Datasheet HTML 3Page - CUI INC PQAE50 Datasheet HTML 4Page - CUI INC PQAE50 Datasheet HTML 5Page - CUI INC PQAE50 Datasheet HTML 6Page - CUI INC PQAE50 Datasheet HTML 7Page - CUI INC PQAE50 Datasheet HTML 8Page - CUI INC PQAE50 Datasheet HTML 9Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
cui.com
CUI Inc
│ SERIES: PQAE50 │ DESCRIPTION: DC-DC CONVERTER
date 10/24/2022
│ page 3 of 10
SAFETY AND COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolation voltage
input to output at 1 mA for 1 minute
input or output to housing at 1 mA for 1 minute
1,500
1,000
Vdc
Vdc
isolation resistance
input to output at 500 Vdc
100
MΩ
isolation capacitance
input to output at 100 kHz, 0.1 Vdc
2,200
pF
safety approvals
certified to 62368: EN, IEC, BS EN
conducted emissions
CISPR32/EN55032 CLASS B (see Fig.2 for recommended circuit)
radiated emissions
CISPR32/EN55032 CLASS B (see Fig.2 for recommended circuit)
ESD
IEC/EN61000-4-2 Contact ±4KV (for 18~36 Vdc) ±6KV (for 36~75 Vdc) perf. Criteria B
radiated immunity
IEC/EN61000-4-3 10V/m perf. Criteria A
EFT/burst
IEC/EN61000-4-4 100KHz ±2KV (see Fig.2 for recommended circuit) perf. Criteria B
surge
IEC/EN61000-4-5 line to line ±2KV (see Fig.2 for recommended circuit) perf. Criteria B
conducted immunity
IEC/EN61000-4-6 10 Vr.m.s perf. Criteria A
MTBF
as per MIL-HDBK-217F @ 25°C
1,000,000
hours
RoHS
yes
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
see derating curve
-40
105
°C
storage temperature
-55
125
°C
storage humidity
non-condensing
5
95
%
vibration
10 ~ 150Hz, 5G, 0.75mm. along X, Y and Z
5
G
MECHANICAL
parameter
conditions/description
min
typ
max
units
dimensions
without heatsink:
horizontal package 50.80 × 25.40 × 11.80
chassis mount 76.00 × 31.50 × 21.20
DIN-Rail mounting 76.00 × 31.50 × 25.80
U-frame mounting 55.00 x 52.30 x 19.00
with heatsink:
horizontal package 51.40 × 26.20 × 16.50
chassis mount 76.00 × 31.50 × 25.30
DIN-Rail mounting 76.00 × 31.50 × 29.90
mm
mm
mm
mm
mm
mm
mm
case material
aluminum alloy
weight
without heatsink:
horizontal package
chassis mounting
DIN-Rail mounting
U-frame mounting
with heatsink:
horizontal package
chassis mounting
DIN-Rail mounting
42
65
85
70
50
73
93
g
g
g
g
g
g
g
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com