Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PQAE50 Datasheet(PDF) 8 Page - CUI INC

Part # PQAE50
Description  DC-DC CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PQAE50 Datasheet(HTML) 8 Page - CUI INC

Back Button PQAE50 Datasheet HTML 2Page - CUI INC PQAE50 Datasheet HTML 3Page - CUI INC PQAE50 Datasheet HTML 4Page - CUI INC PQAE50 Datasheet HTML 5Page - CUI INC PQAE50 Datasheet HTML 6Page - CUI INC PQAE50 Datasheet HTML 7Page - CUI INC PQAE50 Datasheet HTML 8Page - CUI INC PQAE50 Datasheet HTML 9Page - CUI INC PQAE50 Datasheet HTML 10Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
cui.com
CUI Inc
│ SERIES: PQAE50 │ DESCRIPTION: DC-DC CONVERTER
date 10/24/2022
│ page 8 of 10
APPLICATION DESIGN REFERENCE
Vin
(Vdc)
Vout
(Vdc)
Cin
(µF)
Cout
(µF)
24/48
3.3
100µF
470µF/10V
5
470µF/10V
12
100µF/25V
15
100µF/25V
24
47µF/50V
Figure 1
Table 1
Figure 2
Table 2
MODEL
Vin: 24V
Vin: 48V
FUSE
T/4A/250Vac
T/2A/250Vac
C0
680µF/50V
330µF/100V
LCM
2.2mH
2.2mH
C1
330µF/50V
330µF/100V
C2
4.7µF/50V
2.2µF/100V
CY1, CY2
Y1 Safety capacitor
2.2nF/250Vac
Y1 Safety capacitor
3.3nF/250Vac
C3
refer to Cout in Table 1
refer to Cout in Table 1
Vin
+Vo
DC-DC
GND
0V
Fuse
Load
Cin
Cout
DC-DC
LCM
C3
C0
C1
C2
CY2
CY1
1
2
Vin
Load
Vin
Vin
+Vo
DC-DC
GND
0V
Fuse
Load
Cin
Cout
DC-DC
LCM
C3
C0
C1
C2
CY2
CY1
1
2
Vin
Load
Vin
If you want to further reduce the input and output ripple, a filter capacitor may be connected to the input and
output terminals (Figure 1) provided that the capacitance is less than the maximum capacitive load of the
model, otherwise start-up problems may be caused if the capacitance is too large.
EMC RECOMMENDED CIRCUIT
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com