Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PQAE50 Datasheet(PDF) 1 Page - CUI INC

Part # PQAE50
Description  DC-DC CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PQAE50 Datasheet(HTML) 1 Page - CUI INC

  PQAE50 Datasheet HTML 1Page - CUI INC PQAE50 Datasheet HTML 2Page - CUI INC PQAE50 Datasheet HTML 3Page - CUI INC PQAE50 Datasheet HTML 4Page - CUI INC PQAE50 Datasheet HTML 5Page - CUI INC PQAE50 Datasheet HTML 6Page - CUI INC PQAE50 Datasheet HTML 7Page - CUI INC PQAE50 Datasheet HTML 8Page - CUI INC PQAE50 Datasheet HTML 9Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
cui.com
date 10/24/2022
page 1 of 10
SERIES: PQAE50
│ DESCRIPTION: DC-DC CONVERTER
date
page 1 of 10
FEATURES
• up to 50 W isolated output
• 2:1 input range (18~36 Vdc, 36~75 Vdc)
• single, regulated output
• 1,500 Vdc isolation
• short circuit, over current, and over voltage protection
• input under voltage protection
• remote on/off
• wide operating temperature range -40~105°C
• efficiency up to 92%
• EN/BS EN 62368 certified
MODEL
input
voltage
output
voltage
output
current
output
power
ripple
and noise2
efficiency3
typ
(Vdc)
range1
(Vdc)
(Vdc)
min
(A)
max
(A)
max
(W)
max
(mVp-p)
typ
(%)
PQAE50-D24-S34
24
18~36
3.3
0.5
10.0
33
200
91
PQAE50-D24-S54
24
18~36
5
0.5
10.0
50
200
91
PQAE50-D24-S124
24
18~36
12
0.208
4.167
50
250
91
PQAE50-D24-S154
24
18~36
15
0.167
3.333
50
250
91
PQAE50-D24-S244
24
18~36
24
0.104
2.083
50
300
91
PQAE50-D48-S3
48
36~75
3.3
0
10.0
33
200
91
PQAE50-D48-S5
48
36~75
5
0
10.0
50
200
91
PQAE50-D48-S12
48
36~75
12
0
4.167
50
250
92
PQAE50-D48-S15
48
36~75
15
0
3.333
50
250
92
PQAE50-D48-S24
48
36~75
24
0
2.083
50
350
92
Notes:
1. Minimum input voltage is 1V greater for DIN rail and chassis mount models.
2. Ripple and noise are measured at 20 MHz BW by "parallel cable" method with 1 μF ceramic and 10 μF electrolytic capacitors on the output.
3. Measured at nominal input voltage and full load.
4. Model is not CE & UKCA certified.
PART NUMBER KEY
PQAE50 - DXX - SXX - XXX - X
Input Voltage
Output Voltage
Base Number
Heatsink:
"blank" no heatsink
H = with heatsink
Mounting style:
D = DIP
T = CHASSIS
DIN = DIN-RAIL
U = U-frame
Additional Resources: Product Page | 3D Model | PCB Footprint


Similar Part No. - PQAE50

ManufacturerPart #DatasheetDescription
logo
CUI INC
PQAE50 CUI-PQAE50 Datasheet
1Mb / 9P
DC-DC CONVERTER
02/24/2022
PQAE50-D24-S12 CUI-PQAE50-D24-S12 Datasheet
2Mb / 10P
DC-DC CONVERTER
10/24/2022
PQAE50-D24-S15 CUI-PQAE50-D24-S15 Datasheet
2Mb / 10P
DC-DC CONVERTER
10/24/2022
PQAE50-D24-S24 CUI-PQAE50-D24-S24 Datasheet
2Mb / 10P
DC-DC CONVERTER
10/24/2022
PQAE50-D24-S3 CUI-PQAE50-D24-S3 Datasheet
2Mb / 10P
DC-DC CONVERTER
10/24/2022
More results

Similar Description - PQAE50

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
DC/DC converter
VBD20 CUI-VBD20 Datasheet
241Kb / 3P
DC/DC converter
VRB3-DIP CUI-VRB3-DIP Datasheet
95Kb / 3P
Dc-Dc Converter
VSCQ30 CUI-VSCQ30 Datasheet
234Kb / 3P
DC/DC converter
VWQBS2-SIP CUI-VWQBS2-SIP Datasheet
175Kb / 3P
DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com