Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1PS89SS06 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 1PS89SS06
Description  High-speed double diodes
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

1PS89SS06 Datasheet(HTML) 4 Page - NXP Semiconductors

  1PS89SS06 Datasheet HTML 1Page - NXP Semiconductors 1PS89SS06 Datasheet HTML 2Page - NXP Semiconductors 1PS89SS06 Datasheet HTML 3Page - NXP Semiconductors 1PS89SS06 Datasheet HTML 4Page - NXP Semiconductors 1PS89SS06 Datasheet HTML 5Page - NXP Semiconductors 1PS89SS06 Datasheet HTML 6Page - NXP Semiconductors 1PS89SS06 Datasheet HTML 7Page - NXP Semiconductors 1PS89SS06 Datasheet HTML 8Page - NXP Semiconductors 1PS89SS06 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
1999 Jun 08
4
Philips Semiconductors
Preliminary specification
High-speed double diodes
1PS89SS04; 1PS89SS05;
1PS89SS06
GRAPHICAL DATA
Fig.5
Maximum permissible continuous forward
current as a function of the ambient
temperature.
(1) One diode loaded.
(2) Both diodes loaded.
handbook, halfpage
050
(1)
(2)
IF
(mA)
100
200
300
0
100
200
150
Tamb (°C)
MGL553
(1) Tj = 150 °C; typical values.
(2) Tj =25 °C; typical values.
(3) Tj =25 °C; maximum values.
Fig.6
Forward current as a function of forward
voltage.
handbook, halfpage
02
300
IF
(mA)
0
100
200
MBG382
1
VF (V)
(1)
(3)
(2)
Fig.7 Maximum permissible non-repetitive peak forward current as a function of pulse duration.
Based on square wave currents.
Tj =25 °C prior to surge.
handbook, full pagewidth
MBG704
10
tp (µs)
1
IFSM
(A)
102
10−1
104
102
103
10
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com