Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1PS89SS06 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 1PS89SS06
Description  High-speed double diodes
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

1PS89SS06 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 1PS89SS06 Datasheet HTML 2Page - NXP Semiconductors 1PS89SS06 Datasheet HTML 3Page - NXP Semiconductors 1PS89SS06 Datasheet HTML 4Page - NXP Semiconductors 1PS89SS06 Datasheet HTML 5Page - NXP Semiconductors 1PS89SS06 Datasheet HTML 6Page - NXP Semiconductors 1PS89SS06 Datasheet HTML 7Page - NXP Semiconductors 1PS89SS06 Datasheet HTML 8Page - NXP Semiconductors 1PS89SS06 Datasheet HTML 9Page - NXP Semiconductors 1PS89SS06 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
1999 Jun 08
6
Philips Semiconductors
Preliminary specification
High-speed double diodes
1PS89SS04; 1PS89SS05;
1PS89SS06
Fig.10 Reverse recovery voltage test circuit and waveforms.
(1) IR = 1 mA.
Input signal: reverse pulse rise time tr = 0.6 ns; reverse voltage pulse duration tp = 100 ns; duty factor δ = 0.05;
Oscilloscope: rise time tr = 0.35 ns.
handbook, full pagewidth
t rr
(1)
I F
t
output signal
t r
t
t p
10%
90%
VR
input signal
V = V
I x R
RF
S
R = 50
S
Ω
IF
D.U.T.
R = 50
i
Ω
SAMPLING
OSCILLOSCOPE
MGA881
Fig.11 Forward recovery voltage test circuit and waveforms.
Input signal: forward pulse rise time tr = 20 ns; forward current pulse duration tp ≥ 100 ns; duty factor δ≤ 0.005.
t r
t
t p
10%
90%
I
input
signal
R = 50
S
Ω
I
R = 50
i
Ω
OSCILLOSCOPE
Ω
1 k
Ω
450
D.U.T.
MGA882
V fr
t
output
signal
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com