Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1PS89SS06 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 1PS89SS06
Description  High-speed double diodes
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

1PS89SS06 Datasheet(HTML) 3 Page - NXP Semiconductors

  1PS89SS06 Datasheet HTML 1Page - NXP Semiconductors 1PS89SS06 Datasheet HTML 2Page - NXP Semiconductors 1PS89SS06 Datasheet HTML 3Page - NXP Semiconductors 1PS89SS06 Datasheet HTML 4Page - NXP Semiconductors 1PS89SS06 Datasheet HTML 5Page - NXP Semiconductors 1PS89SS06 Datasheet HTML 6Page - NXP Semiconductors 1PS89SS06 Datasheet HTML 7Page - NXP Semiconductors 1PS89SS06 Datasheet HTML 8Page - NXP Semiconductors 1PS89SS06 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
1999 Jun 08
3
Philips Semiconductors
Preliminary specification
High-speed double diodes
1PS89SS04; 1PS89SS05;
1PS89SS06
Note
1. Refer to SC-89 (SOT490) standard mounting conditions.
ELECTRICAL CHARACTERISTICS
Tj =25 °C unless otherwise specified.
THERMAL CHARACTERISTICS
Note
1. Refer to SC-89 (SOT490) standard mounting conditions.
Ptot
total power dissipation (per package) Tamb ≤ 25 °C; note 1
−
250
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−
+150
°C
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
Per diode
VF
forward voltage
see Fig.6
IF = 1 mA
610
−
mV
IF = 10 mA
740
−
mV
IF =50mA
−
1V
IF = 100 mA
−
1.2
V
IR
reverse current
see Fig.8
VR =25V
−
30
nA
VR =80V
−
0.5
µA
VR = 25 V; Tj = 150 °C
−
30
µA
VR = 80 V; Tj = 150 °C
−
100
µA
Cd
diode capacitance
f = 1 MHz; VR = 0; see Fig.9
1PS89SS04
−
1.5
pF
1PS89SS05
−
1.5
pF
1PS89SS06
−
2pF
trr
reverse recovery time
switched from IF = 10 mA to IR =10mA;
RL = 100 Ω; measured at IR = 1 mA;
see Fig.10
−
4ns
Vfr
forward recovery voltage
switched to IF = 10 mA; tr =20ns;
see Fig.11
−
1.75
V
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-s
thermal resistance from junction to soldering point both diodes loaded
1PS89SS04
55
K/W
1PS89SS05
70
K/W
1PS89SS06
70
K/W
Rth j-a
thermal resistance from junction to ambient
note 1
500
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com