Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PDME2-S Datasheet(PDF) 2 Page - CUI INC

Part # PDME2-S
Description  DC-DC CONVERTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PDME2-S Datasheet(HTML) 2 Page - CUI INC

  PDME2-S Datasheet HTML 1Page - CUI INC PDME2-S Datasheet HTML 2Page - CUI INC PDME2-S Datasheet HTML 3Page - CUI INC PDME2-S Datasheet HTML 4Page - CUI INC PDME2-S Datasheet HTML 5Page - CUI INC PDME2-S Datasheet HTML 6Page - CUI INC PDME2-S Datasheet HTML 7Page - CUI INC PDME2-S Datasheet HTML 8Page - CUI INC PDME2-S Datasheet HTML 9Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
cui.com
date 11/04/2022
│ page 2 of 9
CUI Inc
│ SERIES: PDME2-S │ DESCRIPTION: DC-DC CONVERTER
MODEL
input
voltage
output
voltage
output
current
output
power
ripple
& noise1
efficiency2
typ
(Vdc)
range
(Vdc)
(Vdc)
min
(mA)
max
(mA)
max
(W)
max
(mVp-p)
typ
(%)
PDME2-S15-S15-S4
15
13.5~16.5
15
13
133
2
180
81
PDME2-S15-S24-S4
15
13.5~16.5
24
8
83
2
180
81
PDME2-S24-D3-S4
24
21.6~26.4
±3.3
±30
±300
2
180
76
PDME2-S24-D5-S
24
21.6~26.4
±5
±20
±200
2
180
80
PDME2-S24-D9-S4
24
21.6~26.4
±9
±11
±111
2
180
81
PDME2-S24-D12-S
24
21.6~26.4
±12
±8
±83
2
180
83
PDME2-S24-D15-S
24
21.6~26.4
±15
±7
±67
2
180
83
PDME2-S24-D24-S4
24
21.6~26.4
±24
±4
±42
2
180
83
PDME2-S24-S3-S4
24
21.6~26.4
3.3
40
400
1.32
180
76
PDME2-S24-S5-S
24
21.6~26.4
5
40
400
2
180
80
PDME2-S24-S9-S4
24
21.6~26.4
9
22
222
2
180
81
PDME2-S24-S12-S
24
21.6~26.4
12
17
167
2
180
84
PDME2-S24-S15-S
24
21.6~26.4
15
13
133
2
180
86
PDME2-S24-S24-S
24
21.6~26.4
24
8
83
2
180
86
Notes:
1. Measured at nominal input, 20 MHz bandwidth oscilloscope, with 10 µF tantalum and 1 µF ceramic capacitors on the output.
2. Measured at nominal input voltage, full load.
3. All specifications are measured at Ta=25°C, humidity < 75%, nominal input voltage, and rated output load unless otherwise specified.
4. Model is not UL certified.
PART NUMBER KEY
Base Number
PDME2- S XX - X XX - S
Input Voltage
Output Voltage
Mounting Style:
SIP
Output:
S = single
D = dual
(CONTINUED)
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com