Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PDME2-S Datasheet(PDF) 3 Page - CUI INC

Part # PDME2-S
Description  DC-DC CONVERTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PDME2-S Datasheet(HTML) 3 Page - CUI INC

  PDME2-S Datasheet HTML 1Page - CUI INC PDME2-S Datasheet HTML 2Page - CUI INC PDME2-S Datasheet HTML 3Page - CUI INC PDME2-S Datasheet HTML 4Page - CUI INC PDME2-S Datasheet HTML 5Page - CUI INC PDME2-S Datasheet HTML 6Page - CUI INC PDME2-S Datasheet HTML 7Page - CUI INC PDME2-S Datasheet HTML 8Page - CUI INC PDME2-S Datasheet HTML 9Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
cui.com
date 11/04/2022
│ page 3 of 9
CUI Inc
│ SERIES: PDME2-S │ DESCRIPTION: DC-DC CONVERTER
INPUT
parameter
conditions/description
min
typ
max
units
operating input voltage
5 Vdc input models
12 Vdc input models
15 Vdc input models
24 Vdc input models
4.5
10.8
13.5
21.6
5
12
15
24
5.5
13.2
16.5
26.4
Vdc
Vdc
Vdc
Vdc
surge voltage
for maximum of 1 second
5 Vdc input models
12 Vdc input models
15 Vdc input models
24 Vdc input models
-0.7
-0.7
-0.7
-0.7
9
18
21
30
Vdc
Vdc
Vdc
Vdc
current
5 Vdc input models
3.3 Vdc output
5 & 7.2 Vdc output
9 & 12 Vdc output
15 & 24 Vdc output
564
500
494
488
mA
mA
mA
mA
12 Vdc input models
208
mA
15 Vdc input models
167
mA
24 Vdc input models
104
mA
filter
filter capacitor
OUTPUT
parameter
conditions/description
min
typ
max
units
maximum capacitive load5
3.3, 5 Vdc output models
±3.3, ±5 Vdc output models
9 Vdc output models
12, 15 Vdc output models
24, ±12, ±15 Vdc output models
±9 Vdc output models
±24 Vdc output models
2,400
1,200
1,000
560
220
470
100
μF
μF
μF
μF
μF
μF
μF
voltage accuracy
see output regulation curves
line regulation
for Vin change of 1%
3.3 Vdc output models
all other output models
±1.5
±1.2
%
%
load regulation
from 10% to full load
3.3 Vdc output models
5 Vdc output models
9, 12 & 15 Vdc output models
24 Vdc output models
10
8
7
5
%
%
%
%
from 10% to full load
3.3 Vdc output models
5 Vdc output models
9, 12 Vdc output models
15 Vdc output models
24 Vdc output models
15
7
5
4
3
%
%
%
%
%
switching frequency
100% load, nominal input voltage
5 Vdc input models
all other input models
220
260
kHz
kHz
temperature coefficient
at full load
±0.02
%/°C
Note:
5. Tested at input voltage range and full load.
PROTECTIONS
parameter
conditions/description
min
typ
max
units
short circuit protection
continuous, auto recovery
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com