Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PDME2-S Datasheet(PDF) 1 Page - CUI INC

Part # PDME2-S
Description  DC-DC CONVERTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PDME2-S Datasheet(HTML) 1 Page - CUI INC

  PDME2-S Datasheet HTML 1Page - CUI INC PDME2-S Datasheet HTML 2Page - CUI INC PDME2-S Datasheet HTML 3Page - CUI INC PDME2-S Datasheet HTML 4Page - CUI INC PDME2-S Datasheet HTML 5Page - CUI INC PDME2-S Datasheet HTML 6Page - CUI INC PDME2-S Datasheet HTML 7Page - CUI INC PDME2-S Datasheet HTML 8Page - CUI INC PDME2-S Datasheet HTML 9Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
cui.com
date 11/04/2022
page 1 of 9
SERIES: PDME2-S
│ DESCRIPTION: DC-DC CONVERTER
FEATURES
• 2 W isolated output
• single/dual unregulated output
• 1500 Vdc isolation
• continuous short circuit protection
• extended temperature range (-40~105°C)
• no-load input current as low as 8mA
• efficiency up to 86%
• UL 62368-1 certified
• designed to meet EN/BS EN 62368
MODEL
input
voltage
output
voltage
output
current
output
power
ripple
& noise1
efficiency2
typ
(Vdc)
range
(Vdc)
(Vdc)
min
(mA)
max
(mA)
max
(W)
max
(mVp-p)
typ
(%)
PDME2-S5-D3-S4
5
4.5~5.5
±3.3
±30
±303
2
200
75
PDME2-S5-D5-S4
5
4.5~5.5
±5
±20
±200
2
200
84
PDME2-S5-D9-S4
5
4.5~5.5
±9
±11
±111
2
200
85
PDME2-S5-D12-S4
5
4.5~5.5
±12
±8
±83
2
200
85
PDME2-S5-D15-S4
5
4.5~5.5
±15
±7
±67
2
200
86
PDME2-S5-D24-S4
5
4.5~5.5
±24
±4
±42
2
200
86
PDME2-S5-S3-S4
5
4.5~5.5
3.3
40
400
1.32
200
78
PDME2-S5-S5-S4
5
4.5~5.5
5
40
400
2
200
84
PDME2-S5-S7-S4
5
4.5~5.5
7.2
28
278
2
200
84
PDME2-S5-S9-S4
5
4.5~5.5
9
22
222
2
200
85
PDME2-S5-S12-S4
5
4.5~5.5
12
17
167
2
200
85
PDME2-S5-S15-S4
5
4.5~5.5
15
13
133
2
200
86
PDME2-S5-S24-S4
5
4.5~5.5
24
8
83
2
200
86
PDME2-S12-D3-S
12
10.8~13.2
±3.3
±30
±303
2
180
75
PDME2-S12-D5-S
12
10.8~13.2
±5
±20
±200
2
180
80
PDME2-S12-D9-S4
12
10.8~13.2
±9
±11
±111
2
180
82
PDME2-S12-D12-S
12
10.8~13.2
±12
±8
±83
2
180
83
PDME2-S12-D15-S
12
10.8~13.2
±15
±7
±67
2
180
83
PDME2-S12-D24-S4
12
10.8~13.2
±24
±4
±42
2
180
83
PDME2-S12-S5-S
12
10.8~13.2
5
40
400
2
180
82
PDME2-S12-S9-S4
12
10.8~13.2
9
22
222
2
180
82
PDME2-S12-S12-S
12
10.8~13.2
12
17
167
2
180
84
PDME2-S12-S15-S
12
10.8~13.2
15
13
133
2
180
85
PDME2-S12-S24-S
12
10.8~13.2
24
8
83
2
180
86
PDME2-S15-D5-S4
15
13.5~16.5
±5
±20
±200
2
180
80
PDME2-S15-D15-S4
15
13.5~16.5
±15
±7
±67
2
180
82
PDME2-S15-S5-S4
15
13.5~16.5
5
40
400
2
180
80
Additional Resources: Product Page | 3D Model | PCB Footprint


Similar Part No. - PDME2-S

ManufacturerPart #DatasheetDescription
logo
CUI INC
PDME2-S CUI-PDME2-S Datasheet
1Mb / 7P
DC-DC CONVERTER
PDME2-S12-D12-S CUI-PDME2-S12-D12-S Datasheet
1Mb / 7P
DC-DC CONVERTER
PDME2-S12-D15-S CUI-PDME2-S12-D15-S Datasheet
1Mb / 7P
DC-DC CONVERTER
PDME2-S12-D24-S CUI-PDME2-S12-D24-S Datasheet
1Mb / 7P
DC-DC CONVERTER
PDME2-S12-D3-S CUI-PDME2-S12-D3-S Datasheet
1Mb / 7P
DC-DC CONVERTER
More results

Similar Description - PDME2-S

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
DC/DC converter
VBD20 CUI-VBD20 Datasheet
241Kb / 3P
DC/DC converter
VRB3-DIP CUI-VRB3-DIP Datasheet
95Kb / 3P
Dc-Dc Converter
VSCQ30 CUI-VSCQ30 Datasheet
234Kb / 3P
DC/DC converter
VWQBS2-SIP CUI-VWQBS2-SIP Datasheet
175Kb / 3P
DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com