Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS4C4M4F1 Datasheet(PDF) 3 Page - Alliance Semiconductor Corporation

Part # AS4C4M4F1
Description  5V 4M횞4 CMOS DRAM (Fast Page mode)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C4M4F1 Datasheet(HTML) 3 Page - Alliance Semiconductor Corporation

  AS4C4M4F1 Datasheet HTML 1Page - Alliance Semiconductor Corporation AS4C4M4F1 Datasheet HTML 2Page - Alliance Semiconductor Corporation AS4C4M4F1 Datasheet HTML 3Page - Alliance Semiconductor Corporation AS4C4M4F1 Datasheet HTML 4Page - Alliance Semiconductor Corporation AS4C4M4F1 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS4C4M4F1 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4C4M4F1 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4C4M4F1 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4C4M4F1 Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
AS4C4M4F0
AS4C4M4F1
4/11/01; v.0.9
Alliance Semiconductor
P. 3 of 18
®
Logic block diagram for 2K refresh
Recommended operating conditions
†V
IL min -3.0V for pulse widths less than 5 ns. Recommended operating conditions apply throughout this document unlesss otherwise specified.
Parameter
Symbol
Min
Nominal
Max
Unit
Supply voltage
VCC
4.5
5.0
5.5
V
GND
0.0
0.0
0.0
V
Input voltage
VIH
2.4
–
VCC
V
VIL
–0.5†
–0.8
V
Ambient operating temperature
Commercial
TA
0–
70
°C
Industrial
-40
–
85
RAS clock
generator
2048 × 2048 × 4
Array
(16,777,216)
Sense amp
A0
A1
A2
A3
A4
A5
A6
A7
VCC
GND
A8
Column decoder
Substrate bias
generator
Data
I/O
buffers
OE
RAS
CAS
WE clock
generator
WE
I/O0 to I/O3
CAS clock
generator
A9
A10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com