Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS4C4M4F1 Datasheet(PDF) 1 Page - Alliance Semiconductor Corporation

Part # AS4C4M4F1
Description  5V 4M횞4 CMOS DRAM (Fast Page mode)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C4M4F1 Datasheet(HTML) 1 Page - Alliance Semiconductor Corporation

  AS4C4M4F1 Datasheet HTML 1Page - Alliance Semiconductor Corporation AS4C4M4F1 Datasheet HTML 2Page - Alliance Semiconductor Corporation AS4C4M4F1 Datasheet HTML 3Page - Alliance Semiconductor Corporation AS4C4M4F1 Datasheet HTML 4Page - Alliance Semiconductor Corporation AS4C4M4F1 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS4C4M4F1 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4C4M4F1 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4C4M4F1 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4C4M4F1 Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Copyright © Alliance Semiconductor. All rights reserved.
®
AS4C4M4F0
AS4C4M4F1
5V 4M×4 CMOS DRAM (Fast Page mode)
4/11/01; v.0.9
Alliance Semiconductor
P. 1 of 18
Features
• Organization: 4,194,304 words × 4 bits
• High speed
- 50/60 ns RAS access time
- 25/30 ns column address access time
- 12/15 ns CAS access time
• Low power consumption
- Active:
908 mW max
- Standby: 5.5 mW max, CMOS I/O
•Fast page mode
•Refresh
- 4096 refresh cycles, 64 ms refresh interval for
AS4C4M4F0
- 2048 refresh cycles, 32 ms refresh interval for
AS4C4M4F1
-RAS-only or CAS-before-RAS refresh or self-refresh
• TTL-compatible, three-state I/O
• JEDEC standard package
- 300 mil, 24/26-pin SOJ
- 300 mil, 24/26-pin TSOP
• Latch-up current
≥ 200 mA
• ESD protection
≥ 2000 mV
• Industrial and commercial temperature available
Pin arrangement
A8
A7
A6
A5
A4
A10
A0
A1
A2
A3
VCC
GND
GND
I/O3
I/O2
CAS
OE
VCC
I/O0
I/O1
WE
RAS
1
2
3
4
5
26
25
24
23
22
*NC/A11
A9
621
8
9
10
11
18
17
16
15
14
12
SOJ
A8
A7
A6
A5
A4
A10
A0
A1
A2
A3
VCC
GND
GND
I/O3
I/O2
CAS
OE
VCC
I/O0
I/O1
WE
RAS
1
2
3
4
5
*NC/A11
A9
6
TSOP
*NC on 2K refresh version; A11 on 4K refresh version
13
19
Pin designation
Pin(s)
Description
A0 to A11
Address inputs
RAS
Row address strobe
CAS
Column address strobe
WE
Write enable
I/O0 to I/O3
Input/output
OE
Output enable
VCC
Power
GND
Ground
Selection guide
Symbol
AS4C4M4F0-50
AS4C4M4F1-50
AS4C4M4F0-60
AS4C4M4F1-60
Unit
Maximum RAS access time
tRAC
50
60
ns
Maximum column address access time
tCAA
25
30
ns
Maximum CAS access time
tCAC
12
15
ns
Maximum output enable (OE) access time
tOEA
13
15
ns
Minimum read or write cycle time
tRC
85
100
ns
Minimum fast page mode cycle time
tPC
25
30
ns
Maximum operating current
ICC1
135
120
mA
Maximum CMOS standby current
ICC5
1.0
1.0
mA
8
9
10
11
12
13
18
17
16
15
14
19
26
25
24
23
22
21


Similar Part No. - AS4C4M4F1

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS4C4M4 AUSTIN-AS4C4M4 Datasheet
2Mb / 19P
4M x 4 CMOS DRAM WITH FAST PAGE MODE, 5 VOLT
AS4C4M4DG-6/IT AUSTIN-AS4C4M4DG-6/IT Datasheet
2Mb / 19P
4M x 4 CMOS DRAM WITH FAST PAGE MODE, 5 VOLT
AS4C4M4DG-6/XT AUSTIN-AS4C4M4DG-6/XT Datasheet
2Mb / 19P
4M x 4 CMOS DRAM WITH FAST PAGE MODE, 5 VOLT
AS4C4M4DG-7/IT AUSTIN-AS4C4M4DG-7/IT Datasheet
2Mb / 19P
4M x 4 CMOS DRAM WITH FAST PAGE MODE, 5 VOLT
AS4C4M4DG-7/XT AUSTIN-AS4C4M4DG-7/XT Datasheet
2Mb / 19P
4M x 4 CMOS DRAM WITH FAST PAGE MODE, 5 VOLT
More results

Similar Description - AS4C4M4F1

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT4C16270 MICRON-MT4C16270 Datasheet
278Kb / 22P
DRAM 256K X 16 DRAM 5V, EDO PAGE MODE
MT4C4004J MICRON-MT4C4004J Datasheet
887Kb / 12P
1 MEG x 4 DRAM 5V, QUAD CAS PARITY, FAST PAGE MODE
logo
Alliance Semiconductor ...
AS4C256K16FO ALSC-AS4C256K16FO Datasheet
526Kb / 25P
5V 256K X 16 CMOS DRAM (Fast Page Mode)
AS4LC4M4F1 ALSC-AS4LC4M4F1 Datasheet
272Kb / 14P
4M횞4 CMOS DRAM (Fast Page) 3.3V Family
logo
Austin Semiconductor
MT4C4001J AUSTIN-MT4C4001J Datasheet
251Kb / 20P
1 MEG x 4 DRAM Fast Page Mode DRAM
AS4LC4M4 AUSTIN-AS4LC4M4 Datasheet
2Mb / 19P
4M x 4 CMOS DRAM WITH FAST PAGE MODE, 3.3V
MT4C4001J AUSTIN-MT4C4001J_05 Datasheet
1Mb / 21P
1 MEG x 4 DRAM Fast Page Mode DRAM
logo
Integrated Silicon Solu...
IS41C16105C ISSI-IS41C16105C Datasheet
712Kb / 20P
16Mb DRAM WITH FAST PAGE MODE
IS41C16257C ISSI-IS41C16257C Datasheet
361Kb / 20P
4Mb DRAM WITH FAST PAGE MODE
IS41C44052C ISSI-IS41C44052C Datasheet
411Kb / 17P
16Mb DRAM WITH FAST PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com