Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74VHCT240AFT Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # 74VHCT240AFT
Description  CMOS Digital Integrated Circuits Silicon Monolithic
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

74VHCT240AFT Datasheet(HTML) 7 Page - Toshiba Semiconductor

  74VHCT240AFT Datasheet HTML 1Page - Toshiba Semiconductor 74VHCT240AFT Datasheet HTML 2Page - Toshiba Semiconductor 74VHCT240AFT Datasheet HTML 3Page - Toshiba Semiconductor 74VHCT240AFT Datasheet HTML 4Page - Toshiba Semiconductor 74VHCT240AFT Datasheet HTML 5Page - Toshiba Semiconductor 74VHCT240AFT Datasheet HTML 6Page - Toshiba Semiconductor 74VHCT240AFT Datasheet HTML 7Page - Toshiba Semiconductor 74VHCT240AFT Datasheet HTML 8Page - Toshiba Semiconductor 74VHCT240AFT Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
74VHCT240AFT,74VHCT244AFT
7
11.7.
11.7.
11.7.
11.7. Noise Characteristics (Unless otherwise specified, T
Noise Characteristics (Unless otherwise specified, T
Noise Characteristics (Unless otherwise specified, T
Noise Characteristics (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25 
, Input: t
, Input: t
, Input: t
, Input: trrrr = t
= t
= t
= tffff = 3 ns)
= 3 ns)
= 3 ns)
= 3 ns)
Characteristics
Quiet output maximum dynamic VOL
Quiet output minimum dynamic VOL
Minimum high-level dynamic input voltage
Maximum low-level dynamic input voltage
Symbol
VOLP
VOLV
VIHD
VILD
Test Condition
CL = 50 pF
CL = 50 pF
CL = 50 pF
CL = 50 pF
VCC (V)
5.0
5.0
5.0
5.0
Typ.
0.8
-0.8
Limit
1.0
-1.0
2.0
0.8
Unit
V
2017-02-23
Rev.4.0
©2017 Toshiba Corporation



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com