Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74VHCT240AFT Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 74VHCT240AFT
Description  CMOS Digital Integrated Circuits Silicon Monolithic
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

74VHCT240AFT Datasheet(HTML) 1 Page - Toshiba Semiconductor

  74VHCT240AFT Datasheet HTML 1Page - Toshiba Semiconductor 74VHCT240AFT Datasheet HTML 2Page - Toshiba Semiconductor 74VHCT240AFT Datasheet HTML 3Page - Toshiba Semiconductor 74VHCT240AFT Datasheet HTML 4Page - Toshiba Semiconductor 74VHCT240AFT Datasheet HTML 5Page - Toshiba Semiconductor 74VHCT240AFT Datasheet HTML 6Page - Toshiba Semiconductor 74VHCT240AFT Datasheet HTML 7Page - Toshiba Semiconductor 74VHCT240AFT Datasheet HTML 8Page - Toshiba Semiconductor 74VHCT240AFT Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
74VHCT240AFT,74VHCT244AFT
1
CMOS Digital Integrated Circuits Silicon Monolithic
74VHCT240AFT,74VHCT244AFT
74VHCT240AFT,74VHCT244AFT
74VHCT240AFT,74VHCT244AFT
74VHCT240AFT,74VHCT244AFT
Start of commercial production
2013-01
1.
1.
1.
1. Functional Description
Functional Description
Functional Description
Functional Description
•
Octal Bus Buffer
74VHCT240AFT: INVERTED, 3-STATE OUTPUTS
74VHCT244AFT: NON-INVERTED, 3-STATE OUTPUTS
2.
2.
2.
2. General
General
General
General
The 74VHCT240AFT and 74VHCT244AFT are advanced high speed CMOS OCTAL BUS BUFFERs fabricated
with silicon gate C2MOS technology. They achieve the high speed operation similar to equivalent Bipolar Schottky
TTL while maintaining the CMOS low power dissipation.
The 74VHCT240AFT is an inverting 3-state buffer having two active-low output enables. The 74VHCT244AFT
is a non-inverting 3-state buffer, and has two active-low output enables.
These devices are designed to be used with 3-state memory address drivers, etc.
The input voltage are compatible with TTL output voltage.
These devices may be used as a level converter for interfacing 3.3 V to 5 V system.
Input protection and output circuit ensure that 0 to 5.5 V can be applied to the input and output (Note) pins
without regard to the supply voltage. These structure prevents device destruction due to mismatched supply and
input/output voltages such as battery back up, hot board insertion, etc.
Note: Output in off-state
3.
3.
3.
3. Features
Features
Features
Features
(1)
AEC-Q100 (Rev. H) (Note 1)
(2)
Wide operating temperature range: Topr = -40 to 125 
(3)
High speed: Propagation delay time = 6.1 ns (typ.) at VCC = 5.0 V
(4)
Quiescent supply current: ICC = 4.0 µA (max) at Ta = 25 
(5)
Compatible with TTL input: VIL = 0.8 V (max)
VIH = 2.0 V (min)
(6)
Power down protection is provided on all inputs and outputs.
(7)
Balanced propagation delays: tPLH
≈ tPHL
(8)
Low noise: VOLP = 1.0 V (max)
(9)
Pin and function compatible with the 74 series
(ACT/HCT/AHCT etc.) 240/244 type.
Note 1: This device is compliant with the reliability requirements of AEC-Q100. For details, contact your Toshiba sales
representative.
2017-02-23
Rev.4.0
©2017 Toshiba Corporation


Similar Part No. - 74VHCT240AFT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHCT240A STMICROELECTRONICS-74VHCT240A Datasheet
63Kb / 8P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS INVERTED
Aug-1999
logo
Fairchild Semiconductor
74VHCT240A FAIRCHILD-74VHCT240A Datasheet
85Kb / 7P
Octal Buffer/Line Driver with 3-STATE Outputs
logo
STMicroelectronics
74VHCT240A STMICROELECTRONICS-74VHCT240A Datasheet
244Kb / 12P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (INVERTED)
16-Dec-2004
logo
ON Semiconductor
74VHCT240A ONSEMI-74VHCT240A Datasheet
236Kb / 11P
Octal Buffer/Line Driver
May 2007 Rev. 1.3
logo
STMicroelectronics
74VHCT240AM STMICROELECTRONICS-74VHCT240AM Datasheet
63Kb / 8P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS INVERTED
Aug-1999
More results

Similar Description - 74VHCT240AFT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9WMB1AFK TOSHIBA-TC9WMB1AFK Datasheet
271Kb / 18P
CMOS Digital Integrated Circuits Silicon Monolithic
74VHC14FT TOSHIBA-74VHC14FT Datasheet
166Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
7UL1G02FU TOSHIBA-7UL1G02FU Datasheet
181Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-11-21 Rev.3.0
7UL1G125FS TOSHIBA-7UL1G125FS Datasheet
204Kb / 15P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-09-13 Rev.3.0
7UL1G126FS TOSHIBA-7UL1G126FS Datasheet
204Kb / 15P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-09-13 Rev.4.0
7UL1G14FS TOSHIBA-7UL1G14FS Datasheet
183Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-10-21 Rev.3.0
7UL1G17FS TOSHIBA-7UL1G17FS Datasheet
182Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-10-21 Rev.4.0
7UL1G32FS TOSHIBA-7UL1G32FS Datasheet
181Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-10-04 Rev.3.0
7UL1T34FS TOSHIBA-7UL1T34FS Datasheet
169Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-02-03 Rev.1.0
74HC03D TOSHIBA-74HC03D Datasheet
176Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
2016-08-04 Rev.3.0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com