Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VS-VSK.142..PBF Datasheet(PDF) 7 Page - Vishay Siliconix

Part # VS-VSK.142..PBF
Description  Thyristor/Diode and Thyristor/Thyristor, 135 A to 160 A (INT-A-PAK Power Modules)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-VSK.142..PBF Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button VS-VSK.142..PBF Datasheet HTML 3Page - Vishay Siliconix VS-VSK.142..PBF Datasheet HTML 4Page - Vishay Siliconix VS-VSK.142..PBF Datasheet HTML 5Page - Vishay Siliconix VS-VSK.142..PBF Datasheet HTML 6Page - Vishay Siliconix VS-VSK.142..PBF Datasheet HTML 7Page - Vishay Siliconix VS-VSK.142..PBF Datasheet HTML 8Page - Vishay Siliconix VS-VSK.142..PBF Datasheet HTML 9Page - Vishay Siliconix VS-VSK.142..PBF Datasheet HTML 10Page - Vishay Siliconix VS-VSK.142..PBF Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
VS-VSK.136..PbF, VS-VSK.142..PbF, VS-VSK.162..PbF Series
www.vishay.com
Vishay Semiconductors
Revision: 27-Jul-2018
7
Document Number: 94513
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 16 - On-State Power Loss Characteristics
Fig. 17 - On-State Power Loss Characteristics
Fig. 18 - On-State Power Loss Characteristics
02 5
50
75
10 0
12 5
M axim um A llo w a ble A m b ient Tem perature (°C)
1 K/W
0.6
K/ W
0.4
K/ W
0.2
5
K/
W
0
100
200
300
400
0
5 0
1 00
150
2 00
250
3 00
To ta l R M S O utp ut C urre n t (A )
Co nd uc tio n A n g le
VSK .142.. Se rie s
Per M o dule
T
= 125°C
J
180
120
90
60
30
02 5
50
75
10 0
12 5
M axim um Allo w a ble Am bient Tem perature (°C)
0.6 K/ W
0 .25
K/ W
0.16
K/ W
0.
1 2
K/ W
0.0
8
K/
W
0
20 0
40 0
60 0
80 0
100 0
01 0 0
2 00
3 00
To ta l O u tp ut C u rre nt (A )
180
(Sin e )
180
(Re ct)
2 x VSK.142.. S e ries
Sin g le P h a se Brid g e
Co n n ec te d
T
= 12 5°C
J
02 5
5 0
7 5
10 0
12 5
M axim um A llo w ab le Am bie nt Tem perature (°C)
0.0
6
K/ W
0.08
K/ W
0.1
K/ W
0.16 K/ W
0.2 K/ W
0
400
800
12 0 0
16 0 0
0
5 0 100 1 5 0 20 0 25 0 300 35 0 4 00 45 0
To tal O utp ut C urre nt (A)
120
(Rec t)
3 x VSK.142.. Series
Three P hase Brid g e
C o nnected
T
= 125°C
J



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com