Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VS-VSK.142..PBF Datasheet(PDF) 8 Page - Vishay Siliconix

Part # VS-VSK.142..PBF
Description  Thyristor/Diode and Thyristor/Thyristor, 135 A to 160 A (INT-A-PAK Power Modules)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-VSK.142..PBF Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button VS-VSK.142..PBF Datasheet HTML 4Page - Vishay Siliconix VS-VSK.142..PBF Datasheet HTML 5Page - Vishay Siliconix VS-VSK.142..PBF Datasheet HTML 6Page - Vishay Siliconix VS-VSK.142..PBF Datasheet HTML 7Page - Vishay Siliconix VS-VSK.142..PBF Datasheet HTML 8Page - Vishay Siliconix VS-VSK.142..PBF Datasheet HTML 9Page - Vishay Siliconix VS-VSK.142..PBF Datasheet HTML 10Page - Vishay Siliconix VS-VSK.142..PBF Datasheet HTML 11Page - Vishay Siliconix VS-VSK.142..PBF Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
VS-VSK.136..PbF, VS-VSK.142..PbF, VS-VSK.162..PbF Series
www.vishay.com
Vishay Semiconductors
Revision: 27-Jul-2018
8
Document Number: 94513
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 19 - Current Ratings Characteristics
Fig. 20 - Current Ratings Characteristics
Fig. 21 - On-State Power Loss Characteristics
Fig. 22 - On-State Power Loss Characteristics
Fig. 23 - Maximum Non-Repetitive Surge Current
Fig. 24 - Maximum Non-Repetitive Surge Current
70
80
90
10 0
11 0
12 0
13 0
03 0
6 0
9 0
1 20
1 5 0
1 8 0
30
60
90
120
180
Co nd uc tio n Ang le
Ave rag e Fo rw ard C urre n t (A)
VSK.162.. Series
R
(D C ) = 0.16 K/W
thJ C
60
70
80
90
100
110
120
130
0
50
1 0 0
15 020 0
2 503 0 0
DC
30
60
90
120
180
Ave ra g e O n -sta te C urre n t (A)
Cond u c tio n P e riod
VSK .162.. Series
R
(DC ) = 0.16 K/W
thJC
0
50
100
150
200
250
300
350
400
0
204 0608 0 10 0 1 20 1 40 1 6 0 1 8 0
RM S Lim it
Co nd uc tio n Ang le
Averag e O n -state C urren t (A)
VSK .162.. Se ries
Per Junctio n
T = 125°C
J
180
120
90
60
30
0
50
10 0
15 0
20 0
25 0
30 0
35 0
40 0
0
3 0609 0 1 2 0 15 0 1 80 2 10 2 4 0 2 7 0
DC
180
120
90
60
30
RM S Lim it
Co nduc tion Pe riod
Averag e O n -sta te C urren t (A )
VSK.162.. Series
Per Junctio n
T = 125°C
J
150 0
200 0
250 0
300 0
350 0
400 0
450 0
0
0
1
0
1
1
N um b e r O f Eq ua l Am p litud e H a lf C yc le C urre nt P ulse s (N )
At A ny Rate d Lo a d Cond ition And W ith
Ra te d V
A p p lie d Fo llow ing Surg e.
RRM
In itial T = 125°C
at 60 Hz 0.0083 s
at 50 Hz 0.0100 s
VSK.162.. S eries
Pe r Jun ction
J
15 0 0
20 0 0
25 0 0
30 0 0
35 0 0
40 0 0
45 0 0
50 0 0
1
1
.
0
1
0
.
0
Pu lse Tra in D uration (s)
Maximum Non Repetitive Surge Current
Of Co nd uctio n Ma y No t Be M a inta ined .
VSK .162.. Series
Per Junctio n
In itia l T = 125°C
No V o lt a g e Re ap plied
Ra te d V
Re ap plie d
RRM
V e rsus Pulse Tra in D uratio n. C o ntro l
J



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com