Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VS-VSK.142..PBF Datasheet(PDF) 11 Page - Vishay Siliconix

Part # VS-VSK.142..PBF
Description  Thyristor/Diode and Thyristor/Thyristor, 135 A to 160 A (INT-A-PAK Power Modules)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-VSK.142..PBF Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button VS-VSK.142..PBF Datasheet HTML 6Page - Vishay Siliconix VS-VSK.142..PBF Datasheet HTML 7Page - Vishay Siliconix VS-VSK.142..PBF Datasheet HTML 8Page - Vishay Siliconix VS-VSK.142..PBF Datasheet HTML 9Page - Vishay Siliconix VS-VSK.142..PBF Datasheet HTML 10Page - Vishay Siliconix VS-VSK.142..PBF Datasheet HTML 11Page - Vishay Siliconix VS-VSK.142..PBF Datasheet HTML 12Page - Vishay Siliconix VS-VSK.142..PBF Datasheet HTML 13Page - Vishay Siliconix VS-VSK.142..PBF Datasheet HTML 14Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
VS-VSK.136..PbF, VS-VSK.142..PbF, VS-VSK.162..PbF Series
www.vishay.com
Vishay Semiconductors
Revision: 27-Jul-2018
11
Document Number: 94513
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 34 - Gate Characteristics
ORDERING INFORMATION TABLE
Note
• To order the optional hardware go to www.vishay.com/doc?95172
0.1
1
10
100
0.0 0 1
0.0 1
0 .1
1
1 0
1 00
100 0
(b )
(a )
R ec ta n gu la r ga te p u lse
(4)
(3 ) (2)
(1)
a)R e c o m m en d e d lo a d lin e fo r
b )R e c o m m end e d lo a d line fo r
VG D
IG D
(1) PG M = 200 W , tp = 300 s
(2) PG M = 60 W , tp = 1 m s
(3) PG M = 30 W , tp = 2 m s
(4) PG M = 12 W , tp = 5 m s
< = 30% ra ted dI/d t: 15 V , 40
W
tr = 1 s, tp >= 6 s
ra ted d I/d t: 20 V , 20
W
tr = 0.5 s, tp > = 6 s
VSK.136 ..1 42..162.. Se ries
Fre que n c y Lim ite d by PG (AV )
In stan ta n eous G a te C urren t (A )
1
2
-
Circuit configuration
3
-
Current rating: IT(AV)
4
-
Voltage code x 100 = VRRM
5
-
PbF = Lead (Pb)-free
Device code
5
1
3
2
4
VS-VS
16
PbF
KT
162
-
Vishay Semiconductors product



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com