Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CXB2540 Datasheet(PDF) 3 Page - Cree LED

Part # CXB2540
Description  XLamp® CXB2540 LED
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

CXB2540 Datasheet(HTML) 3 Page - Cree LED

  CXB2540 Datasheet HTML 1Page - Cree LED CXB2540 Datasheet HTML 2Page - Cree LED CXB2540 Datasheet HTML 3Page - Cree LED CXB2540 Datasheet HTML 4Page - Cree LED CXB2540 Datasheet HTML 5Page - Cree LED CXB2540 Datasheet HTML 6Page - Cree LED CXB2540 Datasheet HTML 7Page - Cree LED CXB2540 Datasheet HTML 8Page - Cree LED CXB2540 Datasheet HTML 9Page - Cree LED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
XLAMP® CXB2540 LED
© 2015-2021 Cree LED. The information in this document is subject to change without notice. Cree® and the Cree logo are registered trademarks, and
the Cree LED logo is a trademark, of Wolfspeed, Inc. XLamp® and EasyWhite® are registered trademarks of Cree LED. UL® and the UL logo are registered
trademarks of UL LLC.
CLD-DS123
REV 10A
3
Notes
Cree LED maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a tolerance of ±2 on
CRI measurements. See the Measurements section (page 18).
CXB2540 LED order codes specify only a minimum flux bin and not a maximum. Cree LED may ship reels in flux bins higher than the minimum
specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions specified by the order code.
*
For 80 CRI minimum LEDs, CRI R9 minimum is 0 with a ±2 tolerance. For 90 CRI minimum LEDs, CRI R9 typical is 60.
**
Flux values @ 25 °C are calculated and for reference only.
FLUX CHARACTERISTICS, EASYWHITE® ORDER CODES AND BINS (I
F = 1100 mA, TJ = 85 °C)
The following table provides order codes for XLamp CXB2540 LEDs. For a complete description of the order code nomenclature, please
see the Bin and Order Code Formats section (page 16).
Nominal
CCT
CRI*
Minimum Luminous Flux
2-Step
3-Step
5-Step
Min
Typ Group Flux (lm)
@ 85 °C
Flux
(lm) @
25 °C**
Group
Order Code
Group
Order Code
Group
Order Code
6500 K
70
---
W4
5225
5784
65E
CXB2540-0000-
000N0BW465E
X2
5590
6188
CXB2540-0000-
000N0BX265E
X4
6010
6653
CXB2540-0000-
000N0BX465E
80
---
W4
5225
5784
65E
CXB2540-0000-
000N0HW465E
X2
5590
6188
CXB2540-0000-
000N0HX265E
X4
6010
6653
CXB2540-0000-
000N0HX465E
5700 K
70
---
W4
5225
5784
57E
CXB2540-0000-
000N0BW457E
X2
5590
6188
CXB2540-0000-
000N0BX257E
X4
6010
6653
CXB2540-0000-
000N0BX457E
80
---
W4
5225
5784
57E
CXB2540-0000-
000N0HW457E
X2
5590
6188
CXB2540-0000-
000N0HX257E
X4
6010
6653
CXB2540-0000-
000N0HX457E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com