Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CXB2540 Datasheet(PDF) 1 Page - Cree LED

Part # CXB2540
Description  XLamp® CXB2540 LED
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

CXB2540 Datasheet(HTML) 1 Page - Cree LED

  CXB2540 Datasheet HTML 1Page - Cree LED CXB2540 Datasheet HTML 2Page - Cree LED CXB2540 Datasheet HTML 3Page - Cree LED CXB2540 Datasheet HTML 4Page - Cree LED CXB2540 Datasheet HTML 5Page - Cree LED CXB2540 Datasheet HTML 6Page - Cree LED CXB2540 Datasheet HTML 7Page - Cree LED CXB2540 Datasheet HTML 8Page - Cree LED CXB2540 Datasheet HTML 9Page - Cree LED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
PRODUCT FAMILY DATA SHEET
Cree LED / 4400 Silicon Drive / Durham, NC 27703 USA / +1.919.313.5330 / www.cree-led.com
© 2015-2021 Cree LED. The information in this document is subject to change without notice. Cree® and the Cree logo are registered trademarks, and
the Cree LED logo is a trademark, of Wolfspeed, Inc. XLamp® and EasyWhite® are registered trademarks of Cree LED. UL® and the UL logo are registered
trademarks of UL LLC.
CLD-DS123
REV 10A
1
XLamp® CXB2540 LED
PRODUCT DESCRIPTION
The XLamp® CXB2540 LED Array is a
member of the second generation of the
CXA family that delivers up to 30% higher
efficacy and up to 20% higher lumens than
the first generation in the same LES. The
higher performance second generation
CXA LED Arrays provide a drop-in
performance upgrade to existing CXA LED
designs to shorten product development
time. In addition, the CXB LEDs also
allow lighting manufacturers to achieve
the same or better performance with a
smaller LES, enabling a smaller, more
impactful luminaire. Available in 2‑step,
3-step and 5-step EasyWhite® bins and
2‑step and 3‑step Premium Color bins, the
CXB2540 LED delivers high lumen output
and high efficacy in a single, easy‑to‑use
package that eliminates the need for reflow
soldering.
The CX Family LED Design Guide provides
basic information on the requirements
to use the CXB2540 LED successfully in
luminaire designs.
FEATURES
• 19-mm optical source
• Mechanical and optical design
consistent with other CXA25 and
CXB25 LEDs
• Available in 70‑, 80‑, 90‑ and
95‑minimum CRI options
• EasyWhite® 2‑, 3‑ and 5‑step binning
• Premium Color 2- and 3-step binning
• Forward voltage option: 36-V class
• 85 °C binning and characterization
• Extremely uniform color over viewing
angle
• Top-side solder connections
• Thermocouple attach point
• NEMA SSL‑3 2011 standard flux bins
• RoHS and REACh compliant
• UL® recognized component (E349212)
TABLE OF CONTENTS
Characteristics ............................................... 2
Operating Limits............................................. 2
Flux Characteristics, EasyWhite® Order
Codes and Bins .............................................. 3
Flux Characteristics, Premium Color Order
Codes and Bins .............................................. 6
Relative Spectral Power Distribution ............ 7
Relative Spectral Power Distribution,
Premium Color ............................................... 7
Electrical Characteristics............................... 8
Relative Luminous Flux.................................. 9
Typical Spatial Distribution.......................... 10
Performance Groups - Brightness .............. 10
Performance Groups - Chromaticity........... 11
Premium Color Performance Groups -
Chromaticity ................................................. 12
EasyWhite® Bins Plotted on the 1931 CIE
Color Space .................................................. 13
Premium Color Bins Plotted on the 1931
CIE Color Space............................................ 14
Bin and Order Code Formats....................... 16
Mechanical Dimensions .............................. 16
Thermal Design............................................ 17
Notes ............................................................ 18
Packaging..................................................... 19


Similar Part No. - CXB2540

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXB2540 CREE-CXB2540 Datasheet
2Mb / 15P
XLamp LED
Rev 1C
CXB2540-0000-000N0BW440E CREE-CXB2540-0000-000N0BW440E Datasheet
2Mb / 15P
XLamp LED
Rev 1C
CXB2540-0000-000N0BW450E CREE-CXB2540-0000-000N0BW450E Datasheet
2Mb / 15P
XLamp LED
Rev 1C
CXB2540-0000-000N0BW457E CREE-CXB2540-0000-000N0BW457E Datasheet
2Mb / 15P
XLamp LED
Rev 1C
CXB2540-0000-000N0BW465E CREE-CXB2540-0000-000N0BW465E Datasheet
2Mb / 15P
XLamp LED
Rev 1C
More results

Similar Description - CXB2540

ManufacturerPart #DatasheetDescription
logo
Cree LED
CHA0825 CREELED-CHA0825 Datasheet
1Mb / 20P
XLamp® CHA0825 LED
REV 0
CMA1303 CREELED-CMA1303 Datasheet
3Mb / 30P
XLamp® CMA1303 LED
REV 2
CMB1304 CREELED-CMB1304 Datasheet
1Mb / 31P
XLamp® CMB1304 LED
REV 0
CMB1306 CREELED-CMB1306 Datasheet
1Mb / 26P
XLamp® CMB1306 LED
REV 0
CMB1507 CREELED-CMB1507 Datasheet
1Mb / 26P
XLamp® CMB1507 LED
REV 0
CMB1818 CREELED-CMB1818 Datasheet
1Mb / 20P
XLamp® CMB1818 LED
REV 0
CMB3090 CREELED-CMB3090 Datasheet
1Mb / 25P
XLamp® CMB3090 LED
REV 0
CXB1304 CREELED-CXB1304 Datasheet
3Mb / 34P
XLamp® CXB1304 LED
REV 9A
CXB1512 CREELED-CXB1512 Datasheet
2Mb / 27P
XLamp® CXB1512 LED
REV 9A
CXB3070 CREELED-CXB3070 Datasheet
2Mb / 14P
XLamp® CXB3070 LED
REV 7A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com