Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CXB2540 Datasheet(PDF) 4 Page - Cree LED

Part # CXB2540
Description  XLamp® CXB2540 LED
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

CXB2540 Datasheet(HTML) 4 Page - Cree LED

  CXB2540 Datasheet HTML 1Page - Cree LED CXB2540 Datasheet HTML 2Page - Cree LED CXB2540 Datasheet HTML 3Page - Cree LED CXB2540 Datasheet HTML 4Page - Cree LED CXB2540 Datasheet HTML 5Page - Cree LED CXB2540 Datasheet HTML 6Page - Cree LED CXB2540 Datasheet HTML 7Page - Cree LED CXB2540 Datasheet HTML 8Page - Cree LED CXB2540 Datasheet HTML 9Page - Cree LED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
XLAMP® CXB2540 LED
© 2015-2021 Cree LED. The information in this document is subject to change without notice. Cree® and the Cree logo are registered trademarks, and
the Cree LED logo is a trademark, of Wolfspeed, Inc. XLamp® and EasyWhite® are registered trademarks of Cree LED. UL® and the UL logo are registered
trademarks of UL LLC.
CLD-DS123
REV 10A
4
Notes
Cree LED maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a tolerance of ±2 on
CRI measurements. See the Measurements section (page 18).
CXB2540 LED order codes specify only a minimum flux bin and not a maximum. Cree LED may ship reels in flux bins higher than the minimum
specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions specified by the order code.
*
For 80 CRI minimum LEDs, CRI R9 minimum is 0 with a ±2 tolerance. For 90 CRI minimum LEDs, CRI R9 typical is 60.
**
Flux values @ 25 °C are calculated and for reference only.
Nominal
CCT
CRI*
Minimum Luminous Flux
2-Step
3-Step
5-Step
Min
Typ Group Flux (lm)
@ 85 °C
Flux
(lm) @
25 °C**
Group
Order Code
Group
Order Code
Group
Order Code
5000 K
70
---
W4
5225
5784
50E
CXB2540-0000-
000N0BW450E
X2
5590
6188
CXB2540-0000-
000N0BX250E
X4
6010
6653
CXB2540-0000-
000N0BX450E
80
---
W4
5225
5784
50G
CXB2540-0000-
000N0HW450G
50E
CXB2540-0000-
000N0HW450E
X2
5590
6188
CXB2540-0000-
000N0HX250G
CXB2540-0000-
000N0HX250E
X4
6010
6653
CXB2540-0000-
000N0HX450G
CXB2540-0000-
000N0HX450E
90
92
V4
4545
5031
50G
CXB2540-0000-
000N0UV450G
W2
4860
5380
CXB2540-0000-
000N0UW250G
W4
5225
5784
CXB2540-0000-
000N0UW450G
4000 K
70
---
W4
5225
5784
40E
CXB2540-0000-
000N0BW440E
X2
5590
6188
CXB2540-0000-
000N0BX240E
X4
6010
6653
CXB2540-0000-
000N0BX440E
80
---
W2
4860
5380
40H
CXB2540-0000-
000N0HW240H
40G
CXB2540-0000-
000N0HW240G
W4
5225
5784
CXB2540-0000-
000N0HW440H
CXB2540-0000-
000N0HW440G
X2
5590
6188
CXB2540-0000-
000N0HX240H
CXB2540-0000-
000N0HX240G
90
92
V2
4230
4683
40H
CXB2540-0000-
000N0UV240H
40G
CXB2540-0000-
000N0UV240G
V4
4545
5031
CXB2540-0000-
000N0UV440H
CXB2540-0000-
000N0UV440G
W2
4860
5380
CXB2540-0000-
000N0UW240H
CXB2540-0000-
000N0UW240G
FLUX CHARACTERISTICS, EASYWHITE® ORDER CODES AND BINS (I
F = 1100 mA, TJ = 85 °C) - CONTINUED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com