Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FD800R33KF2C Datasheet(PDF) 3 Page - Power Integrations, Inc.

Part # FD800R33KF2C
Description  SCALE-2 Plug-and-Play Drivers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

FD800R33KF2C Datasheet(HTML) 3 Page - Power Integrations, Inc.

  FD800R33KF2C Datasheet HTML 1Page - Power Integrations, Inc. FD800R33KF2C Datasheet HTML 2Page - Power Integrations, Inc. FD800R33KF2C Datasheet HTML 3Page - Power Integrations, Inc. FD800R33KF2C Datasheet HTML 4Page - Power Integrations, Inc. FD800R33KF2C Datasheet HTML 5Page - Power Integrations, Inc. FD800R33KF2C Datasheet HTML 6Page - Power Integrations, Inc. FD800R33KF2C Datasheet HTML 7Page - Power Integrations, Inc. FD800R33KF2C Datasheet HTML 8Page - Power Integrations, Inc. FD800R33KF2C Datasheet HTML 9Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SCALE™-2 1SP0635x2x1(C)-FZ800R33KF2C
Data Sheet
www.power.com/gate-driver
Page 3
Absolute Maximum Ratings
Parameter
Remarks
Min
Max Unit
Supply voltage VDC
VDC to GND (1SP0635x2M1(C))
0
16
V
Average supply current IDC
1SP0635x2M1(C) only (Note 6)
400
mA
Average supply current IDC
1SP0635x2M1(C) with three 1SP0635D2S1(C) (Note 6)
1130
mA
Gate output power
1SP0635x2M1(C), Ta < 70°C (Note 7)
3
W
1SP0635x2M1(C), Ta = 85°C (Note 7)
2.2
W
Gate output power
1SP0635D2S1(C), Ta < 70°C (Note 8)
2.6
W
1SP0635D2S1(C), Ta = 85°C (Note 8)
2
W
Switching frequency f
1SP0635x2M1(C), Ta < 70°C
7.5
kHz
1SP0635x2M1(C), Ta = 85°C
5.5
kHz
Switching frequency f
1SP0635D2S1(C), Ta < 70°C
6.5
kHz
1SP0635D2S1(C), Ta = 85°C
5.0
kHz
Gate peak current Iout
Note 9
-35
+35
A
Test voltage (50Hz/1min.)
1SP0635x2M1(C), primary to secondary (Note 10)
6000 VAC(eff)
DC-link voltage
Switching operation (Note 11)
2200
V
Off state (Note 12)
2700
V
Operating voltage
Primary to secondary side
3300 Vpeak
Max. emitter-emitter voltage
Between parallel connected drivers (Note 13)
200
Vpeak
|dV/dt|
Between parallel connected drivers (Note 14)
50
kV/μs
Max. interface current
X2 and X3, total RMS value (Note 15)
4
Arms
X2 and X3, total peak value (Note 15)
20
Apeak
Operating temperature
-40
85
°C
Storage temperature
Note 31
-40
50
°C
Surface temperature
Only 1SP0635x2x1C-FZ800R33KF2C (Note 32)
125
°C
Recommended Operating Conditions
Power Supply
Remarks
Min
Typ
Max Unit
Supply voltage VDC
To GND
14.5
15
15.5
V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com