Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FD800R33KF2C Datasheet(PDF) 7 Page - Power Integrations, Inc.

Part # FD800R33KF2C
Description  SCALE-2 Plug-and-Play Drivers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

FD800R33KF2C Datasheet(HTML) 7 Page - Power Integrations, Inc.

  FD800R33KF2C Datasheet HTML 1Page - Power Integrations, Inc. FD800R33KF2C Datasheet HTML 2Page - Power Integrations, Inc. FD800R33KF2C Datasheet HTML 3Page - Power Integrations, Inc. FD800R33KF2C Datasheet HTML 4Page - Power Integrations, Inc. FD800R33KF2C Datasheet HTML 5Page - Power Integrations, Inc. FD800R33KF2C Datasheet HTML 6Page - Power Integrations, Inc. FD800R33KF2C Datasheet HTML 7Page - Power Integrations, Inc. FD800R33KF2C Datasheet HTML 8Page - Power Integrations, Inc. FD800R33KF2C Datasheet HTML 9Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
SCALE™-2 1SP0635x2x1(C)-FZ800R33KF2C
Data Sheet
www.power.com/gate-driver
Page 7
25)
Including the delay of the external fiber-optic links (cable length: 1m). Measured from the transition
of the turn-on or turn-off command at the optical transmitter on the host controller side to the
transition of the acknowledge signal at the optical receiver on the host controller side.
26)
The gate resistors can be leaded or surface mounted. Power Integrations reserves the right to
determine which type will be used. Typically, higher quantities will be produced with SMD resistors
and small quantities with leaded resistors.
27)
The driver secondary side voltage is split into two distinct voltages on the driver. The first one is the
turn-on voltage which is regulated at about 15V. The difference between the total secondary side
voltage and the turn-on voltage is the turn-off voltage which is not regulated and mainly dependent
on the driver input voltage VDC and the DC/DC converter power.
28)
Partial discharge measurement is performed in accordance with IEC 60270.
29)
Clearance and creepage distances are designed according to IEC 60077-1. Refer to the “Description &
Application Manual for 1SP0635 SCALE-2 IGBT Drivers” for more information.
30)
The fault status is set as long as the gate monitoring fault is present. The given value applies if the
driver goes from the “off state” to the “on state” and the gate-emitter voltage of one or more parallel
connected drivers does not turn on. If the driver goes from the “on state” to the “off state” and the
gate-emitter voltage of one or more parallel connected drivers does not turn off, the fault status is
applied as long as the gate monitoring fault is present.
31)
The storage temperature inside the original package (1) or in case the coating material of coated
products
may
touch
external
parts
(2)
must
be
limited
to
the
given
value.
Otherwise, it is limited to 90°C.
32)
The component surface temperature, which may strongly vary depending on the operating condition,
must be limited to the given value for coated driver versions to ensure long-term reliability of the
coating material.
Legal Disclaimer
The statements, technical information and recommendations contained herein are believed to be accurate as
of the date hereof. All parameters, numbers, values and other technical data included in the technical
information were calculated and determined to our best knowledge in accordance with the relevant technical
norms (if any). They may base on assumptions or operational conditions that do not necessarily apply in
general. We exclude any representation or warranty, express or implied, in relation to the accuracy or
completeness of the statements, technical information and recommendations contained herein. No
responsibility is accepted for the accuracy or sufficiency of any of the statements, technical information,
recommendations or opinions communicated and any liability for any direct, indirect or consequential loss or
damage suffered by any person arising therefrom is expressly disclaimed.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com