Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FD800R33KF2C Datasheet(PDF) 4 Page - Power Integrations, Inc.

Part # FD800R33KF2C
Description  SCALE-2 Plug-and-Play Drivers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

FD800R33KF2C Datasheet(HTML) 4 Page - Power Integrations, Inc.

  FD800R33KF2C Datasheet HTML 1Page - Power Integrations, Inc. FD800R33KF2C Datasheet HTML 2Page - Power Integrations, Inc. FD800R33KF2C Datasheet HTML 3Page - Power Integrations, Inc. FD800R33KF2C Datasheet HTML 4Page - Power Integrations, Inc. FD800R33KF2C Datasheet HTML 5Page - Power Integrations, Inc. FD800R33KF2C Datasheet HTML 6Page - Power Integrations, Inc. FD800R33KF2C Datasheet HTML 7Page - Power Integrations, Inc. FD800R33KF2C Datasheet HTML 8Page - Power Integrations, Inc. FD800R33KF2C Datasheet HTML 9Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SCALE™-2 1SP0635x2x1(C)-FZ800R33KF2C
Data Sheet
www.power.com/gate-driver
Page 4
Electrical Characteristics
All data refer to +25°C and VDC = 15V unless otherwise specified
Power Supply
Remarks
Min
Typ
Max Unit
Supply current IDC
Without load, only 1SP0635x2M1(C)
120
mA
Without load, per additional 1SP0635D2S1(C)
35
mA
Coupling capacitance Cio
1SP0635x2M1(C), DC/DC converter
15
pF
Power Supply Monitoring
Remarks
Min
Typ
Max Unit
Supply threshold Viso-Vee
Secondary side, clear fault
12.1
12.6
13.1
V
Secondary side, set fault (Note 16)
11.5
12.0
12.5
V
Monitoring hysteresis
Secondary side, set/clear fault
0.35
V
Supply threshold Vee-VCOM
Secondary side, clear fault
5
5.15
5.3
V
Secondary side, set fault (Note 16)
4.7
4.85
5
V
Monitoring hysteresis
Secondary side, set/clear fault
0.15
V
Bus to 1SP0635D2S1(C)
Remarks
Min
Typ
Max Unit
Supply voltage
Without load
25
V
With three slaves, full load
24
V
Turn-off command
To COM
0
V
Turn-on command
To COM
15
V
Gate Monitoring
Remarks
Min
Typ
Max Unit
Turn-on threshold VGE,on,min
Gmean to E, set fault (Note 17)
12.9
V
Turn-off threshold VGE,off,max
Gmean to E, set fault (Note 17)
-7.6
V
Filter delay
Note 17
28
μs
Short-circuit Protection
Remarks
Min
Typ
Max Unit
Static Vce-monitoring threshold
Between auxiliary terminals (Note 18)
143
V
Response time
DC-link voltage = 2200V (Note 19)
5.9
μs
DC-link voltage = 1500V (Note 19)
6.0
μs
DC-link voltage = 1100V (Note 19)
6.2
μs
DC-link voltage = 800V (Note 19)
8.3
μs
Delay to IGBT turn-off
After the response time (Note 20)
0.3
μs
Timing Characteristics
Remarks
Min
Typ
Max Unit
Turn-on delay td(on)
Note 21
190
ns
Turn-off delay td(off)
Note 21
185
ns
Output rise time tr(out)
G to E (Note 22)
9
ns
Output fall time tf(out)
G to E (Note 22)
30
ns



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com