Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HV2803/AHA Datasheet(PDF) 18 Page - Microchip Technology

Part # HV2803/AHA
Description  No High-Voltage Bias, Low Harmonic Distortion, 32-Channel, High-Voltage Analog Switch
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV2803/AHA Datasheet(HTML) 18 Page - Microchip Technology

Back Button HV2803/AHA Datasheet HTML 14Page - Microchip Technology HV2803/AHA Datasheet HTML 15Page - Microchip Technology HV2803/AHA Datasheet HTML 16Page - Microchip Technology HV2803/AHA Datasheet HTML 17Page - Microchip Technology HV2803/AHA Datasheet HTML 18Page - Microchip Technology HV2803/AHA Datasheet HTML 19Page - Microchip Technology HV2803/AHA Datasheet HTML 20Page - Microchip Technology HV2803/AHA Datasheet HTML 21Page - Microchip Technology HV2803/AHA Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
HV2803/HV2903/HV2904
DS20005721C-page 18
 2017-2019 Microchip Technology Inc.
5.3
Individual Switching Mode Logic
Input Timing
When the MODE pin logic input is high, the
HV2803/HV2903/HV2904 devices operate in the Indi-
vidual Switching mode. The HV2803/HV2903/HV2904
devices have a digital serial interface consisting of
Data In (DIN/AB), Clock (CLK), Data Out (DOUT), Latch
Enable (LE/EN) and Clear (CLR) for the Individual
Switching mode. The digital circuits are supplied by
VLL. The serial clock frequency is up to 66 MHz.
The switch state configuration data are shifted into the
shift registers on the rising edge (low-to-high
transition) of the clock. The Switch Configuration bit of
SW31 is shifted in first and the Configuration bit of
SW0 is shifted in last. To change all the switch states
at the same time, the Latch Enable Input (LE/EN)
should remain high while the 32-bit Data In signal is
shifted into the 32-bit register. After the valid 32-bit
data complete shifting into the shift registers, the
high-to-low transition of the LE/EN signal transfers the
contents of the shift registers into the latches. Finally,
setting the LE/EN high again allows all the latches to
keep the current state while new data can now be
shifted into the shift registers without disturbing the
latches.
It is recommended to change all the latch states at the
same time through this method to avoid possible clock
feed through noise (see Figure 5-2 for details).
When the CLR input is set high, it resets the data of all
32 latches to low. Consequently, all the high-voltage
switches are set to an OFF state. However, the CLR
signal does not affect the contents of the shift register,
and therefore, the shift register can operate
independently of the CLR signal. As a result, when the
CLR input is low, the shift register still retains the
previous data.
FIGURE 5-2:
Latch Enable Timing Diagram.
t
WLE
t
SD
t
H
t
SU
t
DO
DN
31
DN
30
DN
29
DN
1
DN
0
DN-1
31
DN-1
30
DN-1
29
DN-1
1
DN-1
0
DN
31
Shift Register Data from Previous Data Inputs are Shifted Out
MODE
V
LL
GND
CLK
D
OUT
LE/EN
D
IN/AB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com